Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFM080QL Datasheet(PDF) 32 Page - AMIC Technology

Part # A25GFM080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFM080QL Datasheet(HTML) 32 Page - AMIC Technology

Back Button A25GFM080QL Datasheet HTML 28Page - AMIC Technology A25GFM080QL Datasheet HTML 29Page - AMIC Technology A25GFM080QL Datasheet HTML 30Page - AMIC Technology A25GFM080QL Datasheet HTML 31Page - AMIC Technology A25GFM080QL Datasheet HTML 32Page - AMIC Technology A25GFM080QL Datasheet HTML 33Page - AMIC Technology A25GFM080QL Datasheet HTML 34Page - AMIC Technology A25GFM080QL Datasheet HTML 35Page - AMIC Technology A25GFM080QL Datasheet HTML 36Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
31
AMIC Technology Corp.
Chip Erase (CE)
The Chip Erase (CE) instruction sets all bits to 1 (FFh). Before
it can be accepted, a Write Enable (WREN) instruction must
previously have been executed. After the Write Enable
(WREN) instruction has been decoded, the device sets the
Write Enable Latch (WEL).
The Chip Erase (CE) instruction is entered by driving Chip
Select ( S ) Low, followed by the instruction code on Serial
Data Input (DI). Chip Select ( S ) must be driven Low for the
entire duration of the sequence.
The instruction sequence is shown in Figure 21. Chip Select
( S ) must be driven High after the eighth bit of the instruction
code has been latched in, otherwise the Chip Erase
instruction is not executed. As soon as Chip Select ( S ) is
driven High, the self-timed Chip Erase cycle (whose duration
is tCE) is initiated. While the Chip Erase cycle is in progress,
the Status Register may be read to check the value of the
Write In Progress (WIP) bit. The Write In Progress (WIP) bit is
1 during the self-timed Chip Erase cycle, and is 0 when it is
completed. At some unspecified time before the cycle is
completed, the Write Enable Latch (WEL) bit is reset.
The Chip Erase (CE) instruction is ignored if one, or more,
sectors/blocks are protected.
Figure 21. Chip Erase (CE) Instruction Sequence
S
C
DI
1 2 3 45 6 7
0
Instruction
(C7h or 60h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com