Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFM080QL Datasheet(PDF) 14 Page - AMIC Technology

Part # A25GFM080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFM080QL Datasheet(HTML) 14 Page - AMIC Technology

Back Button A25GFM080QL Datasheet HTML 10Page - AMIC Technology A25GFM080QL Datasheet HTML 11Page - AMIC Technology A25GFM080QL Datasheet HTML 12Page - AMIC Technology A25GFM080QL Datasheet HTML 13Page - AMIC Technology A25GFM080QL Datasheet HTML 14Page - AMIC Technology A25GFM080QL Datasheet HTML 15Page - AMIC Technology A25GFM080QL Datasheet HTML 16Page - AMIC Technology A25GFM080QL Datasheet HTML 17Page - AMIC Technology A25GFM080QL Datasheet HTML 18Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
13
AMIC Technology Corp.
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 3.) sets the
Write Enable Latch (WEL) bit.
The Write Enable Latch (WEL) bit must be set prior to every
Page Program (PP), Dual Input Fast Program (DIFP), Quad
Input Fast Program (QIFP), Program OTP (POTP), Sector
Erase (SE), Block Erase (BE), and Chip Erase (CE) and Write
Status Register (WRSR) instruction.
The Write Enable (WREN) instruction is entered by driving
Chip Select (
S ) Low, sending the instruction code, and then
driving Chip Select (
S ) High.
Figure 3. Write Enable (WREN) Instruction Sequence
S
C
DI
DO
High Impedance
Instruction (06h)
0 1 23 45 6 7
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 4.) resets the
Write Enable Latch (WEL) bit.
The Write Disable (WRDI) instruction is entered by driving Chip
Select ( S ) Low, sending the instruction code, and then driving
Chip The Write Enable Latch (WEL) bit is reset under the
following conditions:
﹣ Power-up
﹣
Write Disable (WRDI) instruction completion
﹣
Write Status Register (WRSR) instruction completion
﹣
Page Program (PP) instruction completion
﹣
Dual Input Fast Program (DIFP) instruction completion
﹣
Quad Input Fast Program (QIFP) instruction completion
﹣
Program OTP (POTP) in
struction completion
﹣
Sector Erase (SE) instruction completion
﹣
Block Erase (BE) instruction completion
﹣
Chip Erase (CE) instruction completion
Figure 4. Write Disable (WRDI) Instruction Sequence
S
C
DI
DO
High Impedance
Instruction (04h)
0 1 23 45 6 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com