Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150GGP Datasheet(PDF) 19 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 15Page - Texas Instruments TNETX3150GGP Datasheet HTML 16Page - Texas Instruments TNETX3150GGP Datasheet HTML 17Page - Texas Instruments TNETX3150GGP Datasheet HTML 18Page - Texas Instruments TNETX3150GGP Datasheet HTML 19Page - Texas Instruments TNETX3150GGP Datasheet HTML 20Page - Texas Instruments TNETX3150GGP Datasheet HTML 21Page - Texas Instruments TNETX3150GGP Datasheet HTML 22Page - Texas Instruments TNETX3150GGP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
interface description
The TNETX3150/TNETX3150A functional interfaces are shown in Figure 1 and described in the following
paragraphs.
10-/100-/200-Mbit/s MAC interfaces (ports 00–14)
The 10-/100-/200-Mbit/s interface links the MAC interfaces to the FIFO and data-handling mechanisms of
TNETX3150/TNETX3150A.
The 10 Mbit/s ports (03–14) operate in serial mode only. When operating in 10-Mbit/s mode, the 10-/100-Mbit/s
interfaces (00–02) operate in either nibble or serial mode; when operating in 100-Mbit/s mode, the
10-/100-Mbit/s interfaces operate in nibble mode only. In 200-Mbit/s mode, port 00 operates in byte mode only.
data reception
Figure 2 shows a simplified 10-/100-Mbit/s receiver block diagram.
Buffer
CRC
Flag
Generator
RX Frame
Shifter
Buffer
RX FIFO
Link
Bit
Data Output
64
8
MUX
10-/100-
Mbit/s
Converter
Flags Output to FIFO
Rate
Select
Duplex
Nibble
to FIFO
Control
Control
Signal
Control
10 Mbit/s
100 Mbit/s
4
MXXRXD
FIFO Control
and Statistics
Information
Figure 2. 10-/100-Mbit/s Receive Block Diagram
The data received from the external PHY forms 64-bit words. The data is synchronized to the internal clock of
TNETX3150/TNETX3150A. After deserialization, a flag byte is assigned to the data word, identifying attributes
for later data handling. The format of the flag-byte data is common for all ports. Once the 100-Mbit/s data has
been deserialized, it is handled the same as the 10-Mbit/s data.
giant (long) frames
The TNETX3150/TNETX3150A can handle frames up to 1536 bytes to support IEEE Std 802.10. All frames
longer than 1563 bytes are truncated by the TNETX3150/TNETX3150A. Frames greater than 1536 received
in cut-through mode are passed. Frames greater than 1536 received in store-and-forward mode are discarded
and not transmitted. The LONG option bit governs how the statics for long frames are recorded. The byte count
for long frames with good cyclic redundancy checks (CRCs) are recorded in the RX + TX-frames 1024–1518
statistic, (which effectively becomes RX + TX-frames 1024–1531 when LONG is set). Long frames received with
bad CRCs are recorded as jabbers.
short frames
All frames less than 64 bytes received into any port are filtered by the TNETX3150/TNETX3150A within the RX
FIFOs. They do not appear on the DRAM bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com