Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150GGP Datasheet(PDF) 68 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 68 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 64Page - Texas Instruments TNETX3150GGP Datasheet HTML 65Page - Texas Instruments TNETX3150GGP Datasheet HTML 66Page - Texas Instruments TNETX3150GGP Datasheet HTML 67Page - Texas Instruments TNETX3150GGP Datasheet HTML 68Page - Texas Instruments TNETX3150GGP Datasheet HTML 69Page - Texas Instruments TNETX3150GGP Datasheet HTML 70Page - Texas Instruments TNETX3150GGP Datasheet HTML 71Page - Texas Instruments TNETX3150GGP Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
68
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
buffer allocation
Each buffer is capable of holding the complete contents of one of the internal FIFO buffers (the minimum-size
Ethernet frame). The buffers are aligned to fit within a DRAM page. No buffer crosses a page boundary, allowing
consistent access times to be attained at the expense of losing four words per 1K page boundary (each word
is 36 bits wide). The memory, organized in this way, permits fast data bursts between the internal FIFO and
external buffer memory. This reduces the amount of intermediate data management, which reduces the internal
bandwidth.
At initialization, the TNETX3150/TNETX3150A loads configuration information from the EEPROM (if present)
or uses its default reset values to set the length field for each of the queues unless initialized by DIO access.
This fixes the maximum number of buffers that a port can use for transmit queues. As buffers are used by these
queues, the length field is adjusted to indicate the number of buffers that are still allocated for use by that
particular queue (see Figure 27).
Forward Pointer
Flag
Data
Flag
Data
Flag
Data
Flag
Data
Flag
Data
Flag
Data
Flag
Data
Flag
Data
Flag
Data
Flag
Data
Flag
Data
Flag
Data
Flag
Data
Flag
Data
Flag
Data
Flag
Data
Flag
Data
Flag
Data
Forward Pointer = 000000
35
31
0
Z
15
Flag
Data
Flag
Data
Forward Pointer = Z
35
31
0
Y
Flag
Data
Flag
Data
Forward Pointer = Y
35
31
0
X
16
Low Memory
Buffer
Addresses
High Memory
Buffer
Addresses
Free Buffer Queue Structure
(in external DRAM)
Free Queue Register
Successive
Memory
Addresses
35
0
Figure 27. Buffer Allocation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com