Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150GGP Datasheet(PDF) 34 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 34 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 30Page - Texas Instruments TNETX3150GGP Datasheet HTML 31Page - Texas Instruments TNETX3150GGP Datasheet HTML 32Page - Texas Instruments TNETX3150GGP Datasheet HTML 33Page - Texas Instruments TNETX3150GGP Datasheet HTML 34Page - Texas Instruments TNETX3150GGP Datasheet HTML 35Page - Texas Instruments TNETX3150GGP Datasheet HTML 36Page - Texas Instruments TNETX3150GGP Datasheet HTML 37Page - Texas Instruments TNETX3150GGP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
34
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRAM and EAM interfaces (continued)
flag bytes
Flag attributes are assigned to the deserialized data word, identifying key attributes. The flags are used in later
data handling. The flag field is assigned to every eight data bytes. The format of the subfields within the flag
byte changes, depending on the flag information. The formats shown in Figure 13 are the end-of-buffer and the
end-of-frame flag formats. When the most-significant bit (end-of-buffer bit) is set, the remaining bits of the
most-significant nibble contain the number of bytes in the data word, while the least-significant nibble contains
error/status information.
01
End of Buffer
Start of Frame
Unassigned
Broadcast /Multicast
Requesting Channel
Address Code /
Source Port Number
70
3
U
0
70
Don’t care
End-of-Buffer Bit
b) END-OF-BUFFER (EOB) FLAG BYTE FORMAT
1
70
End-of-Buffer Bit
c) END-OF-FRAME (EOF) FLAG BYTE FORMAT
1
Number of valid bytes in the data word
001 = 1, 010 = 2 . . . 111 = 7, 000 = 8
Data Word Error/Status
Good EOF
CRC Error
CV Error
OVF Error
Jabber Error
000
001
010
011
100
NOTE A: The EOB bit is asserted after each 64-byte data transfer. Only at the EOF is bit 3 of the flag byte set.
1
a) START-OF-FRAME (SOF) FORMAT
— No errors
— Bad CRC
— Code violation = alignment + bad CRC
— Overflow error = no buffers available
— Frame exceeds 1531 bytes
UC
C
C
C
Figure 13. EOB, EOF, and SOF Flag Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com