Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150GGP Datasheet(PDF) 66 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 66 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 62Page - Texas Instruments TNETX3150GGP Datasheet HTML 63Page - Texas Instruments TNETX3150GGP Datasheet HTML 64Page - Texas Instruments TNETX3150GGP Datasheet HTML 65Page - Texas Instruments TNETX3150GGP Datasheet HTML 66Page - Texas Instruments TNETX3150GGP Datasheet HTML 67Page - Texas Instruments TNETX3150GGP Datasheet HTML 68Page - Texas Instruments TNETX3150GGP Datasheet HTML 69Page - Texas Instruments TNETX3150GGP Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
66
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
port structures (continued)
D The immediate queue collates the cut-through-mode buffer information. If there is data queued to the
immediate queue and the port is available, the data is transmitted. New frame data is placed onto the
immediate queue only when the following conditions exist:
–
Data can cut through from source to destination.
–
The transmitter is currently idle on the destination port.
–
There is no existing frame transfer occurring on either transmit queue or immediate queue.
If the number of buffers in the buffer pool becomes less than or equal to zero, no further data is accepted. RX
frame data is discarded until the free queue contains free buffers again. Additionally, individual queues can
overflow, in particular the transmit queue. The transmit queue length is recorded as a residual figure (i.e.,
number of buffers remaining rather than number of buffers queued). If this becomes negative, no further frame
data is queued and frames are discarded.
QM for cut-through operation (see Figure 25)
Free Queue Register
Working Register
List Of Empty External DRAM Buffers
Four-Entry,
Free-Buffer Stack
Channel 0
Channel 1
Channel 14
Channel 0
Channel 1
Channel 14
Length
Tail
Head
Head
Tail
Length
Immediate
Queue for
Other
Channels
RX FIFO Buffers
Immediate queue
for channel 14
1. RX FIFO buffer
archived to external
DRAM buffer.
TX FIFO Buffers
5. Free buffer returned
to the working buffer,
first entry in the stack,
or to the free queue if
stack is full.
2. Full FIFO buffer transferred to DRAM buffer
(destination channel 14). The next free buffer in
free queue or free buffer stack is used.
3. Buffer linked to
tail of the
destination
immediate queue.
4. External buffer
moved from DRAM
to the TX FIFO and
transmitted.
Figure 25. QM for Cut-Through



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com