Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150GGP Datasheet(PDF) 49 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 49 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 45Page - Texas Instruments TNETX3150GGP Datasheet HTML 46Page - Texas Instruments TNETX3150GGP Datasheet HTML 47Page - Texas Instruments TNETX3150GGP Datasheet HTML 48Page - Texas Instruments TNETX3150GGP Datasheet HTML 49Page - Texas Instruments TNETX3150GGP Datasheet HTML 50Page - Texas Instruments TNETX3150GGP Datasheet HTML 51Page - Texas Instruments TNETX3150GGP Datasheet HTML 52Page - Texas Instruments TNETX3150GGP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
49
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RAM size register at 0x00C2
BIT
7
6
5
4
3
2
1
0
MTEST
Reserved
TAGOFF
RSIZE
Initial Values After Reset
Initial Values After Reset
0
X
X
0
0
1
0
0
BIT
NAME
FUNCTION
7
MTEST
Test access bit. MTEST = 1 before DIO accesses are made to the DIO test registers (address range 0xDC–0xFF).
MTEST = 0 when the EEPROM is used to initialize registers 0x00–0xC3. The default value after reset is 0. MTEST
allows access to the DIO registers to enable frame-wrap test modes.
6–5
Reserved
Reserved
4
TAGOFF
Post-frame tag disable bit. TAGOFF disables the requirement for post-frame tagging when operating in 200-Mbit/s
wide uplink mode. In this mode (TAGOFF = 1), the TNETX3150/TNETX3150A uses either the EAM interface or
the internal single-address lookup registers to route frames received on the uplink. This permits two
TNETX3150/TNETX3150A devices to be cascaded.
30
RSIZE
RAM size select. This field indicates the size of the external DRAM and, therefore, the number of 64-byte data
buffers available.† This field is used by the TNETX3150/TNETX3150A to determine how many buffers to initialize.
The code values are:
3–0
RSIZE
BIT
CODE
NUMBER OF
3
0
VALUES
BUFFERS
0000–0011
Reserved
0100
4K
× 36
240
0101
8K
× 36
480
3–0
RSIZE
0110
16K
× 36
961
0111
32K
× 36
1922
1000
64K
× 36
3845
1001
128K
× 36
7690
1010
256K
× 36
15,380
1011
512K
× 36
30,720
30
RSIZE
1100
1M
× 36
61,440
3–0
RSIZE
1101
2M
× 36
122,880
1110
4M
× 36
245,760
1111
Reserved
† Buffers are 76.5 bytes long (four bytes of forward pointer). Fifteen 76.5-byte buffers are allocated per 1K-byte page. The first word of every 1K-byte
page is not used. Buffers never straddle page boundaries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com