Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150GGP Datasheet(PDF) 25 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 21Page - Texas Instruments TNETX3150GGP Datasheet HTML 22Page - Texas Instruments TNETX3150GGP Datasheet HTML 23Page - Texas Instruments TNETX3150GGP Datasheet HTML 24Page - Texas Instruments TNETX3150GGP Datasheet HTML 25Page - Texas Instruments TNETX3150GGP Datasheet HTML 26Page - Texas Instruments TNETX3150GGP Datasheet HTML 27Page - Texas Instruments TNETX3150GGP Datasheet HTML 28Page - Texas Instruments TNETX3150GGP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
uplink RX pretagging (continued)
M00RCLK
M00RXDVX
M00RXDV
Tag
DA, SA, Data, CRC
Pretag Nibble
Ethernet Frame
M00RXD7–M00RXD0
Figure 6. Data Format for Uplink RX Frames With Pretag
cascade connection
In uplink mode, the TNETX3150/TNETX3150A can route uplink frames by employing the EAM or internal
address registers. To allow this, the TAGOFF bit (bit 4 of RSIZE register 0x00C2) must be set. When set, the
TNETX3150/TNETX3150A does not require a post frame tag for frame-routing information. It routes the frame
according to the destination address. This permits the following:
D The TNETX3150/TNETX3150A can be cascaded with a second TNETX3150/TNETX3150A device to
permit larger port configurations to be supported with minimal additional hardware.
D The separate TNETX3150/TNETX3150A devices can use either single-address-per-port capability, or with
an external address-lookup device, provide network-address-support capability.
D Additional logic can be used in the interface to implement more sophisticated flow control on the uplink.
D Using EEPROM devices to provide initialization data, the devices can be used with or without a
management CPU, presenting a low-cost switching solution. A cascade connection is shown in Figure 7.
M00TCLK
M00TXER
M00RCLK
M00RXDVX
M00DUPLEX
M00TXD7–M00TXD0
M00TXEN
M00COL
M00CRS
M00RXD7–M00RXD0
M00RXDV
M00RXER
M00SPEED
M00PROTOCOL
M00LINK
M00UPLINK
M00RXER
M00RXDVX
M00RXDV
M00RXD7–M00RXD0
M00RCLK
M00CRS
M00COL
M00TXER
M00TXEN
M00TXD7–M00TXD0
M00TCLK
M00DUPLEX
M00SPEED
M00PROTOCOL
M00LINK
M00UPLINK
TNETX3150/
TNETX3150A
No.1
TNETX3150/
TNETX3150A
No.2
VCC(5V)
TXD(0)
TXD(0)
Q
Q
Toggle
Flip-Flop
OSCIN (50 MHz)
Gnd
Figure 7. TNETX3150/TNETX3150A Cascade Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com