Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150GGP Datasheet(PDF) 46 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 46 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 42Page - Texas Instruments TNETX3150GGP Datasheet HTML 43Page - Texas Instruments TNETX3150GGP Datasheet HTML 44Page - Texas Instruments TNETX3150GGP Datasheet HTML 45Page - Texas Instruments TNETX3150GGP Datasheet HTML 46Page - Texas Instruments TNETX3150GGP Datasheet HTML 47Page - Texas Instruments TNETX3150GGP Datasheet HTML 48Page - Texas Instruments TNETX3150GGP Datasheet HTML 49Page - Texas Instruments TNETX3150GGP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
46
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
revision register at 0x00A0
BIT
7
6
5
4
3
2
1
0
Revision
BIT
NAME
FUNCTION
7–4
Revision
Major hardware revision code for this device. This field is read only. Initial samples have a revision code of 0x00.
3–0
Revision
Minor hardware revision code for this device. This field is read only. Initial samples have a revision code of 0x00.
† The TNETX3150 has a revision register of 0x01xx. The TNETX3150A has a revision register of 0x02xx.
SIO/XCTRL register at 0x00A1
XCTRL REGISTER
SIO REGISTER
BIT
BIT
7
6
5
4
3
2
1
0
WUPLINK
CUT100
RXARB
BRUN
Reserved
ECLOK
ETXEN
EDATA
Initial Values After Reset
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7
WUPLINK
Wide uplink mode. WUPLINK reflects the status of the M00UPLINK strapping terminal (note that M00UPLINK is
active low). Logic 1 = wide uplink mode (this bit is read only)
6
CUT100
Single-buffer cut-through operation on 100-Mbit/s ports only. CUT100 disables single-buffer cut-through operation
for frames received on 10-Mbit/s source ports. A frame is transmitted only when two buffers have been transferred
to the transmit FIFO or an end of frame (before two buffers) has been received. Although it increases latency,
enabling CUT100 reduces the probability of dropping frames due to FIFO underrun in heavy bursty traffic.
5
RXARB
Receive arbitration mode. RXARB = 1 ensures that no frames are dropped during bursty conditions. When RXARB
= 0, errored frames can be transmitted.
4
BRUN
Broadcast to unassigned ports. If no port address is matched, BRUN = 1 forces the TNETX3150/TNETX3150A
to broadcast a unicast frame to all unassigned ports (ports that are enabled but do not have a port address). When
BRUN = 0, all unmatched unicast frames are sent to the uplink port. BRUN = 0 if an external address-lookup device
is used. The external address-lookup device should provide the function.
3
Reserved
Reserved.
2
ECLOK
EEPROM SIO clock. ECLOK controls the state of the ECLK terminal. When ECLOK = 1, ECLK is asserted. When
ECLOK = 0, ECLK is deasserted. ECLOK also is used to determine the state of the EEPROM interface. If the
EEPROM port is disabled, then ECLOK is always read as a 0, even if a value of 1 is written to the bit. the
TNETX3150/TNETX3150A detects that the EEPROM port is disabled by sensing the state of the EDIO terminal
during reset. If EDIO is read as a 0 during reset (due to an external pulldown resistor), then the EEPROM interface
is disabled and no attempt is made to read configuration information.
1
ETXEN
EEPROM SIO transmit enable. ETXEN controls the direction of the EDIO terminal. When ETXEN = 1, EDIO is
driven with the value in the EDATA bit. When ETXEN = 0, EDATA is loaded with the value on the EDIO terminal.
0
EDATA
EEPROM SIO data. EDATA is used to read or write the state of the EDIO terminal. When ETXEN = 1, EDIO is driven
with the value in EDATA. When ETXEN = 0, EDATA is loaded with the value on the EDIO terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com