Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150GGP Datasheet(PDF) 4 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 4 Page - Texas Instruments

  TNETX3150GGP Datasheet HTML 1Page - Texas Instruments TNETX3150GGP Datasheet HTML 2Page - Texas Instruments TNETX3150GGP Datasheet HTML 3Page - Texas Instruments TNETX3150GGP Datasheet HTML 4Page - Texas Instruments TNETX3150GGP Datasheet HTML 5Page - Texas Instruments TNETX3150GGP Datasheet HTML 6Page - Texas Instruments TNETX3150GGP Datasheet HTML 7Page - Texas Instruments TNETX3150GGP Datasheet HTML 8Page - Texas Instruments TNETX3150GGP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
1
2
3
4
5
6
22
23
24
25
26
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
A26
A25
A24
A23
A22
A5
A4
A3
A2
A1
A6
B26
B25
B24
B23
B22
B5
B4
B3
B2
B1
B6
C26
C25
C24
C23
C22
C5
C4
C3
C2
C1
C6
D26
D25
D24
D23
D22
D5
D4
D3
D2
D1
D6
E26
E25
E24
E23
E4
E3
E2
E1
F26
F25
F24
F23
F4
F3
F2
F1
G26
G25
G24
G23
G4
G3
G2
G1
H26
H25
H24
H23
H4
H3
H2
H1
J26
J25
J24
J23
J4
J3
J2
J1
K26
K25
K24
K23
K4
K3
K2
K1
L26
L25
L24
L23
L4
L3
L2
L1
M26
M25
M24
M23
M4
M3
M2
M1
N26
N25
N24
N23
N4
N3
N2
N1
P26
P25
P24
P23
P4
P3
P2
P1
R26
R25
R24
R23
R4
R3
R2
R1
T26
T25
T24
T23
T4
T3
T2
T1
U26
U25
U24
U23
U4
U3
U2
U1
V26
V25
V24
V23
V4
V3
V2
V1
W26
W25
W24
W23
W4
W3
W2
W1
Y26
Y25
Y24
Y23
Y4
Y3
Y2
Y1
AA26
AA25
AA24
AA23
AA4
AA3
AA2
AA1
AB26
AB25
AB24
AB23
AB4
AB3
AB2
AB1
AC26
AC25
AC24
AC23
AC22
AC5
AC4
AC3
AC2
AC1
AC6
AD26
AD25
AD24
AD23
AD22
AD5
AD4
AD3
AD2
AD1
AD6
AE26
AE25
AE24
AE23
AE22
AE5
AE4
AE3
AE2
AE1
AE6
AF26
AF25
AF24
AF23
AF22
AF5
AF4
AF3
AF2
AF1
AF6
1
2
3
4
5
6
22
23
24
25
26
No–Terminal
Area
GGP PACKAGE
(TOP VIEW)
NMON Interface
10-Mbit/s
MAC Interface
Ports 03–14
LED Activity Interface
JTAG Test Interface
DRAM Interface
EEPROM Interface
DIO Interface and
Statistics Interface
EAM Interface
10-/100-/200-Mbit/s
MAC Interface Port 00
10-/100-Mbit/s MAC
Interface Ports 01–02
VIEW FROM BOTTOM WITH SOLDER BALLS FACING VIEWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com