Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150GGP Datasheet(PDF) 80 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 80 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 76Page - Texas Instruments TNETX3150GGP Datasheet HTML 77Page - Texas Instruments TNETX3150GGP Datasheet HTML 78Page - Texas Instruments TNETX3150GGP Datasheet HTML 79Page - Texas Instruments TNETX3150GGP Datasheet HTML 80Page - Texas Instruments TNETX3150GGP Datasheet HTML 81Page - Texas Instruments TNETX3150GGP Datasheet HTML 82Page - Texas Instruments TNETX3150GGP Datasheet HTML 83Page - Texas Instruments TNETX3150GGP Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
80
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
glossary
address duplications
The
number
of
address
duplications
between
a
securely
assigned
port
address
within
the
TNETX3150/TNETX3150A and a source address observed on this port. Occurrence of this causes the
TNETX3150/TNETX3150A to suspend the port (see
port status register description).
address mismatches/address changes
The sum of:
1.
The number of mismatches seen on a port between a securely assigned port address and the source
address observed on the port. Occurrence of this causes the TNETX3150/TNETX3150A to suspend the
port (see
port status register description).
2.
The number of times the TNETX3150/TNETX3150A is required to assign or learn an address for a port.
Port statistics memory region 0x780–0x7FF.
broadcast RX frames
The total number of good packets received that were directed to the broadcast address. This does not include
multicast packets.
broadcast TX frames
The total number of packets transmitted that were directed to the broadcast address. This does not include
multicast packets. See IEEE Std 802.3 Supplements, Layer Management (section 5) 5.2.2.1.1, number 6.
carrier sense errors
The number of times the carrier sense condition was lost or never asserted when attempting to transmit a frame
on a particular interface. The count is incremented a maximum of once per transmission attempt, even if the
carrier sense condition fluctuates during a transmission attempt.
collisions port (03–14)
The number of times the port’s transmitter was required to send a jam sequence
The following counters are implemented in previously described counters.
deferred TX frames
A count of the frames for which the first transmission attempt on a particular interface was delayed because the
medium was busy
excessive collisions
A count of frames for which transmission on a particular interface fails due to excessive collisions
filtered RX frames
The count of frames received but discarded due to lack of resources (TXQ full, destination disabled, or RX
errors). The number of frames sent to the TNETX3150/TNETX3150A discard channel.
good RX frames
The total number of good packets (including unicast, broadcast packets and multicast packets) received
good TX frames
The total number of packets (including bad packets, broadcast packets, and multicast packets) transmitted
successfully. See IEEE Std 802.3 Supplements, Layer Management (section 5) 5.2.2.1.1, number 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com