Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150GGP Datasheet(PDF) 82 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 82 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 78Page - Texas Instruments TNETX3150GGP Datasheet HTML 79Page - Texas Instruments TNETX3150GGP Datasheet HTML 80Page - Texas Instruments TNETX3150GGP Datasheet HTML 81Page - Texas Instruments TNETX3150GGP Datasheet HTML 82Page - Texas Instruments TNETX3150GGP Datasheet HTML 83Page - Texas Instruments TNETX3150GGP Datasheet HTML 84Page - Texas Instruments TNETX3150GGP Datasheet HTML 85Page - Texas Instruments TNETX3150GGP Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
82
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
glossary (continued)
RX and TX frames 1024–1518
The total number of packets (including bad packets) received and transmitted that were between 1024 and 1518
octets in length inclusive (excluding framing bits but including FCS octets). If the LONG bit is set, this statistic
counts frames that are between 1024 and 1536 octets in length inclusive (excluding framing bits but including
FCS octets).
RX CRC errors
A count of frames received on a particular interface that is an integral number of octets in length but does not
pass the FCS check
RX H/W errors
The function of this counter is performed by the filtered RX frames counter.
RX fragments
The total number of packets received that were less than 64 octets in length (excluding framing bits, but
including FCS octets) and had either a bad FCS with an integral number of octets (FCS error) or a bad FCS
with a non-integral number of octets (alignment error).
RX jabbers
The total number of packets received that were longer than 1518 octets (excluding framing bits, but including
FCS octets), and had either a bad FCS with an integral number of octets (FCS error) or a bad FCS with a
non-integral number of octets (alignment error); 1536 octets if SYSCTRL option bit LONG is set.
RX octets
This contains a count of data and padding octets in frames that were successfully received. This does not
include octets in frames received with frame-too-long, FCS, length or alignment errors. (IEEE Std 802.3
Supplements, Layer Management (section 5) 5.2.2.1.3, number 2).
RX overruns port (00–14)
The number of frames lost due to a lack of resources during frame reception. This counter is incremented when
frame data cannot enter the RX FIFO for whatever reason. Frames that overrun after entering the FIFO also
can be counted as RX discards if they are not cut-through.
single-collision TX frames
A count of successfully transmitted frames on a particular interface for which transmission is inhibited by exactly
one collision
signal quality error (SQE) test errors
A count of times that the SQE test error is generated by the PHY layer for a particular interface. The SQE test
error is defined in section 7.2.2.2.4 of ANSI/IEEE Std 802.3-1985 and its generation in 7.2.4.6 of the same
document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com