Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150GGP Datasheet(PDF) 60 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 60 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 56Page - Texas Instruments TNETX3150GGP Datasheet HTML 57Page - Texas Instruments TNETX3150GGP Datasheet HTML 58Page - Texas Instruments TNETX3150GGP Datasheet HTML 59Page - Texas Instruments TNETX3150GGP Datasheet HTML 60Page - Texas Instruments TNETX3150GGP Datasheet HTML 61Page - Texas Instruments TNETX3150GGP Datasheet HTML 62Page - Texas Instruments TNETX3150GGP Datasheet HTML 63Page - Texas Instruments TNETX3150GGP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
60
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
write cycle timing (continued)
When accessing the EEPROM through the DIO interface, the ECLOK and EDATA bits (SIOL/CTRL
register at 0x00A1) are a direct reflection of the ECLK and EDIO terminals, respectively. To read and write to
the EEPROM, these bits must be toggled properly to provide the proper requests and data.
A typical write operation is shown in Figure 20.
S
P
S
t
o
p
Data
S
t
a
r
t
Word Address
Slave Address
EDIO
DIO
Interface
24C02
A
c
k
A
c
k
A
c
k
S
P
S
t
o
p
Data n + 15
S
t
a
r
t
Word Address (n)
Slave Address
EDIO
DIO
Interface
24C02
A
c
k
A
c
k
A
c
k
A
c
k
Data n + 1
Data n
a) Byte Write
b) Page Write
0
0
0
0
0
0
Figure 20. Typical Write Operation
read cycle timing
Read operations are initiated in the same manner as write operations, with the exception that the R/W bit of the
slave address is set to a 1. There are three basic read operations: current address read, random read, and
sequential read.
Typical read operations are shown in Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com