Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150GGP Datasheet(PDF) 43 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 43 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 39Page - Texas Instruments TNETX3150GGP Datasheet HTML 40Page - Texas Instruments TNETX3150GGP Datasheet HTML 41Page - Texas Instruments TNETX3150GGP Datasheet HTML 42Page - Texas Instruments TNETX3150GGP Datasheet HTML 43Page - Texas Instruments TNETX3150GGP Datasheet HTML 44Page - Texas Instruments TNETX3150GGP Datasheet HTML 45Page - Texas Instruments TNETX3150GGP Datasheet HTML 46Page - Texas Instruments TNETX3150GGP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
43
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
port-N status register at 0x8*N + 0x0001 (read only) (N = port number in hex) (continued)
The uplink port (port 00) does not have a port address, so it cannot enter either address mismatch state. It can
receive frames with source addresses securely assigned to other ports. In such cases, if SECDIS bit is set, the
port enters state 110 (disabled due to address duplication). Port suspension is not supported because a network
port naturally receives frames with different source addresses. Waiting for the source address to change is not
useful.
PORT STATE
DESCRIPTION
000
Enabled. This is the normal state of a port. This is the only port state when frames are forwarded to and from the port. In all
other states, no new frames are forwarded to or from the port.
001
Suspended due to link failure. The port has been suspended due to the absence of link activity at the port, as indicated by
an inactive (zero) state of the port’s MXXLINK terminal. This can indicate cable failure or no station attached to the port. The
port is re-enabled once link activity is detected at the port, as indicated by an active (1) state of the port’s MXXLINK terminal.
If link is lost during transmission of a frame, the transmitted frame is lost and transmission continues until the start of the next
frame.
010
Suspended due to address duplication. The port has been suspended due to the reception at the port of a frame with a source
address securely assigned to another port. The port is re-enabled if a frame is received at the port with a source address not
securely assigned to another port. A port in this state also can be re-enabled by writing a 1 to the ENABLE control bit.
011
Suspended due to address mismatch. The port has been suspended due to the reception at the port of a frame with a source
address different from that securely assigned to it. The port is re-enabled if a frame is received at the port with a source
address equal to the address securely assigned to it. A port in this state also can be re-enabled by writing a 1 to the ENABLE
control bit.
100
Disabled by management. The port has been explicitly disabled by a DISABLE control bit write (or it is in the buffer initialization
state). In this state, the port can be re-enabled only by writing a 1 to the ENABLE control bit, or by clearing the disable bit.
101
Reserved
110
Disabled due to address duplication. The port has been disabled due to the reception at the port of a frame with a source
address securely assigned to another port. In this state, no frames are forwarded to or from the port, and no address learning
takes place. A port in this state can only be re-enabled by writing a 1 to the ENABLE control bit.
111
Disabled due to address mismatch. The port has been disabled due to the reception at the port of a frame with a source
address different from that securely assigned to it. In this state, no frames are forwarded to or from the port. A port in this state
can be re-enabled only by writing a 1 to the ENABLE control bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com