Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150GGP Datasheet(PDF) 1 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 1 Page - Texas Instruments

  TNETX3150GGP Datasheet HTML 1Page - Texas Instruments TNETX3150GGP Datasheet HTML 2Page - Texas Instruments TNETX3150GGP Datasheet HTML 3Page - Texas Instruments TNETX3150GGP Datasheet HTML 4Page - Texas Instruments TNETX3150GGP Datasheet HTML 5Page - Texas Instruments TNETX3150GGP Datasheet HTML 6Page - Texas Instruments TNETX3150GGP Datasheet HTML 7Page - Texas Instruments TNETX3150GGP Datasheet HTML 8Page - Texas Instruments TNETX3150GGP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Highly Integrated Single-Chip
Shared-Memory Switch
D Provides 12 10-Mbit/s Ethernet Ports,
2 10-/100-Mbit/s Ethernet Ports, and a
10-/100-/200-Mbit/s Ethernet Port
D Supports Cut-Through and Store-and-
Forward Modes of Switching Operation
D All Ports Are Full-Duplex Capable
D 10-/100-/200-Mbit/s Ethernet Port Capable
of Cascading Multiple Devices,
Bidirectional Tagging, and Unidirectional
Flow Control
D Supports On-Chip-Per-Port Storage for
Etherstat
™ and Remote Monitoring (RMON)
Management-Information Base (MIB)
D Network Monitoring (NMON) Supports Port
Mirroring Feature
D Supports Multiple and Single Media-Access
Controller (MAC) Address Switching Modes
D Virtual-LAN (VLAN) Capable
D Provides Direct Connection to
Industry-Standard PHY Components:
– 10-Mbit/s Ports – Serial Network Interface
(SNI)
– 10-/100-Mbit/s Ports – SNI for 10-Mbit/s
and Media-Independent Interface (MII) for
100 Mbit/s
D Provides Support for Simple-Network
Management Protocol (SNMP) and
Spanning Tree (IEEE Std 802.1D)
D EEPROM Interface for Auto-Configuration,
No CPU Needed, Enabling Lowest Cost
Desktop Switching Solution
D Supports In-Order Broadcast/Multicast
Traffic (All Packets Are Transmitted in
Same Order as Received)
D Provides an External Address Match (EAM)
Interface
D Packet Memory Utilizes Cost-Effective
Extended Data Out (EDO) DRAM
D Provides Direct Input/Output (DIO) Interface
for Configuration and Statistics Information
D Provides Transmit Pacing
D LED Interface for Port Status and TXQ
Status
D Fabricated in 3.3-V Low-Voltage
Technology
D Packaged in 352-Pin Plastic Ball Grid Array
Package
D 5-V Tolerant I/Os
D JTAG Compliant
description
The ThunderSWITCH TNETX3150/TNETX3150A is a 15-port 10-/100-Mbit/s Ethernet shared-memory switch.
The TNETX3150/TNETX3150A provides a complete low-cost switch solution. A desktop solution can be
achieved by combining the TNETX3150/TNETX3150A, the necessary physical interfaces, and low-cost packet
memory.
High-Speed
ThunderNET
Data Path
DRAM Controller
EAM Interface
EEPROM
Interface
LED Interface
Address Compare
DIO
CPU Interface
Network Statistics
Logic
Storage MIB
NMON Interface
JTAG
Switching
Logic
(Queue Manager)
MAC 10 Mbit/s
MAC 100 Mbit/s
MAC 10 Mbit/s
MAC 10 Mbit/s
MAC 10 Mbit/s
MAC 10 Mbit/s
MAC 10 Mbit/s
MAC 10 Mbit/s
MAC 10 Mbit/s
MAC 10 Mbit/s
MAC 10 Mbit/s
MAC 10 Mbit/s
MAC 10 Mbit/s
MAC 100 Mbit/s
MAC 200 Mbit/s
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
ThunderNET and ThunderSWITCH are trademarks of Texas Instruments Incorporated.
Ethernet and Etherstat are trademarks of Xerox Corporation.


Similar Part No. - TNETX3150GGP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETX3150 TI-TNETX3150 Datasheet
1Mb / 78P
ADDRESS-LOOKUP DEVICE
TNETX3150A TI-TNETX3150A Datasheet
1Mb / 78P
ADDRESS-LOOKUP DEVICE
More results

Similar Description - TNETX3150GGP

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
32Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
PM3370 PMC-PM3370 Datasheet
28Kb / 2P
Octal 10/100 Mbit/s Switch Port-Controller
logo
Texas Instruments
TNETX3100 TI1-TNETX3100 Datasheet
1Mb / 80P
ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX3110 TI1-TNETX3110 Datasheet
831Kb / 65P
ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
TNETX3151 TI1-TNETX3151 Datasheet
833Kb / 65P
ThunderSWITCHE 12/3 ETHERNETE SWITCH WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
TNETX3190 TI1-TNETX3190 Datasheet
847Kb / 66P
ThunderSWITCHE 16/3 ETHERNETE SWITCH WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
TNETX3270 TI1-TNETX3270 Datasheet
849Kb / 66P
ThunderSWITCHE 24/3 ETHERNETE SWITCH WITH 24 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
TNETX4080 TI1-TNETX4080 Datasheet
796Kb / 64P
ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX4090 TI1-TNETX4090 Datasheet
979Kb / 78P
ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
logo
PMC-Sierra, Inc
PM3351-1 PMC-PM3351-1 Datasheet
44Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com