Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150GGP Datasheet(PDF) 103 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 103 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 99Page - Texas Instruments TNETX3150GGP Datasheet HTML 100Page - Texas Instruments TNETX3150GGP Datasheet HTML 101Page - Texas Instruments TNETX3150GGP Datasheet HTML 102Page - Texas Instruments TNETX3150GGP Datasheet HTML 103Page - Texas Instruments TNETX3150GGP Datasheet HTML 104Page - Texas Instruments TNETX3150GGP Datasheet HTML 105Page - Texas Instruments TNETX3150GGP Datasheet HTML 106Page - Texas Instruments TNETX3150GGP Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
103
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating conditions (see Figure 44)
MII receive 100/200 Mbit/s (XX = ports 00–02)
NO
TNETX3150
TNETX3150A
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
tsu(MXXRXD)1
Setup time, MXXRXD3–MXXRXD0 valid before MXXRCLK
↑
8
8
ns
1†
tsu(MXXRXD)2
Setup time, MXXRXD7–MXXRXD0 valid before MXXRCLK
↑
8
8
ns
1
tsu(MXXRXDV)
Setup time, MXXRXDV valid before MXXRCLK
↑
8
8
ns
1†
tsu(MXXRXDVX)
Setup time, MXXRXDVX valid before MXXRCLK
↑
8
8
ns
1
tsu(MXXRXER)
Setup time, MXXRXER valid before MXXRCLK
↑
8
8
ns
2
th(MXXRXD)1
Hold time, MXXRXD3–MXXRXD0 valid after MXXRCLK
↑
8
8
ns
2†
th(MXXRXD)2
Hold time, MXXRXD7–MXXRXD0 valid after MXXRCLK
↑
8
8
ns
2
th(MXXRXDV)
Hold time, MXXRXDV valid after MXXRCLK
↑
8
8
ns
2†
th(MXXRXDVX)
Hold time, MXXRXDVX valid after MXXRCLK
↑
8
8
ns
2
th(MXXRXER)
Hold time, MXXRXER valid after MXXRCLK
↑
8
8
ns
† Also applies to the uplink (port 00) when operating in the 200-Mbit/s mode, except that MXXRXD3–MXXRXD0 is replaced with
MXXRXD7–MXXRXD0 and MXXRXDVX is used.
MXXRXD3–MXXRXD0 is driven by the PHY on the falling edge of MXXRCLK. MXXRXD3–MXXRXD0 timing
must be met during clock periods when MXXRXDV is asserted. MXXRXDV is asserted and deasserted by the
PHY on the falling edge of MXXRCLK. MXXRXER is driven by the PHY on the falling edge of MXXRCLK
(XX = ports 00–02).
MXXRCLK
(input)
MXXRXD7–MXXRXD0
MXXRXD3–MXXRXD0
MXXRXDV
MXXRXDVX
MXXRXER (inputs)
1
2
Figure 44. Ports (00–02) Receive Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com