Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 33 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 33 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 37Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
33
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
qSerial I/O2
Serial I/O2 can be used as either clock synchronous or asynchro-
nous (UART) serial I/O. A dedicated timer (baud rate generator) is
also provided for baud rate generation during serial I/O2 operation.
(1) Clock Synchronous Serial I/O Mode
The clock synchronous serial I/O mode can be selected by setting
the serial I/O2 mode selection bit (b6) of the serial I/O2 control reg-
Fig. 35 Operation of Clock Synchronous Serial I/O2 Function
Fig. 34 Block Diagram of Clock Synchronous Serial I/O2
ister (address 001D16) to “1.” For clock synchronous serial I/O, the
transmitter and the receiver must use the same clock for serial I/O2
operation. If an internal clock is used, transmit/receive is started by
a write signal to the serial I/O2 transmit/receive buffer register (TB/
RB) (address 001F16).
_________
When P57 (SCLK22) is selected as a clock I/O pin, SRDY2 output
function is invalid, and P56 (SCLK21) is used as an I/O port.
1/4
1/4
F/F
P56/SCLK21
P54/RXD
P55/TXD
P57/SRDY2/SCLK22
“0”
“1”
“0”
“1”
XIN
1/2
XCIN
“1”
“0”
P57/SRDY2/SCLK22
Serial I/O2 status register
Serial I/O2 control register
Receive buffer register
Address 001F16
Receive shift register
Receive buffer full flag (RBF)
Receive interrupt request (RI)
Clock control circuit
Shift clock
Serial I/O2 synchronous clock selection bit
Baud rate generator
Division ratio 1/(n+1)
Address 001616
BRG count source selection bit
Clock control circuit
Falling edge detector
Transmit buffer register
Data bus
Address 001F16
Shift clock
Transmit shift register shift
completion flag (TSC)
Transmit buffer empty flag (TBE)
Transmit interrupt request (TI)
Transmit interrupt source selection bit
Address 001E16
Data bus
Address 001D16
Transmit shift register
Serial I/O2 clock I/O pin selection bit
Internal system clock selection bit
BRG clock
switch bit
Serial I/O2
clock I/O pin
selection bit
D7
D7
D0
D1
D2
D3
D4
D5
D6
D0
D1
D2
D3
D4
D5
D6
RBF = 1
TSC = 1
TBE = 0
TBE = 1
TSC = 0
Transmit/Receive shift clock
(1/2—1/2048 of internal
clock or external clock)
Serial I/O2 output TxD
Serial I/O2 input RxD
Write-in signal to serial I/O2 transmit/receive
buffer register (address 001F16)
Overrun error (OE)
detection
Notes 1 : The transmit interrupt (TI) can be selected to occur either when the transmit buffer has emptied (TBE=1) or after the
transmit shift operation has ended (TSC=1), by setting transmit interrupt source selection bit (TIC) of the serial I/O2
control register.
2 : If data is written to the transmit buffer register when TSC=0, the transmit clock is generated continuously and serial
data is output continuously from the TxD pin.
3 : The receive interrupt (RI) is set when the receive buffer full flag (RBF) becomes “1.”
Receive enable signal SRDY2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com