Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 39 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 39 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
39
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
FLD automatic display RAM
The FLD automatic display RAM uses the 160 bytes of addresses
0F6016 to 0FFF16. For FLD, the 3 modes of 16-timing ordinary mode,
16-timing•gradation display mode and 32-timing mode are available
depending on the number of timings and the presence/absence of
gradation display.
The automatic display RAM in each mode is as follows:
(1) 16-timing•Ordinary Mode
The 80 bytes of addresses 0FB016 to 0FFF16 are used as a FLD
display data store area. Because addresses 0F6016 to 0FAF16
are not used as the automatic display RAM, they can be the ordi-
nary RAM or serial I/O automatic reverse RAM.
(2) 16-timing•Gradation Display Mode
The 160 bytes of addresses 0F6016 to 0FFF16 are used. The 80
bytes of addresses 0FB016 to 0FFF16 are used as an FLD dis-
play data store area, while the 80 bytes of addresses 0F6016 to
0FAF16 are used as a gradation display control data store area.
(3) 32-timing Mode
The 160 bytes of addresses 0F6016 to 0FFF16 are used as an
FLD display data store area.
[FLD Data Pointer and FLD Data Pointer Reload Register]
FLDDP (0EF816)
Both the FLD data pointer and FLD data pointer reload register are
8-bit registers assigned at address 0EF816. When writing data to this
address, the data is written to the FLD data pointer reload register;
when reading data from this address, the value in the FLD data pointer
is read.
Fig. 42 FLD Automatic Display RAM Assignment
16-timing•ordinary mode
0FFF16
0FB016
0F6016
0FFF16
0F6016
0FFF16
0FB016
0F6016
16-timing•gradation display mode
32-timing mode
1 to 32 timing display
data stored area
Gradation display
control data stored
area
1 to 16 timing display
data stored area
1 to 16 timing display
data stored area
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com