Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 55 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 55 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
55
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
RESET
Internal
reset
Data
φ
Address
SYNC
XIN: about 4000 cycles
XIN
?
?
?
?
?
FFFC
FFFD
ADH, ADL
1: The frequency relation of f(XIN) and f(
φ) is f(XIN)=4 • f(φ).
2: The question marks (?) indicate an undefined state that depends on the previous state.
Notes
ADL
ADH
Reset Circuit
______
To reset the microcomputer, RESET pin should be held at an “L”
______
level for 2 µs or more. Then the RESET pin is returned to an “H” level
(the power source voltage should be between 2.7 V and 5.5 V, and
the oscillation should be stable), reset is released. After the reset is
completed, the program starts from the address contained in address
FFFD16 (high-order byte) and address FFFC16 (low-order byte). Make
sure that the reset input voltage is less than 0.5 V for VCC of 2.7 V
(switching to the high-speed mode, a power source voltage must be
between 4.0 V and 5.5 V).
Fig. 66 Reset Sequence
Fig. 65 Reset Circuit Example
(Note)
0.2VCC
0V
0V
Poweron
VCC
RESET
VCC
RESET
Power source
voltage detection
circuit
Power source
voltage
Reset input
voltage
Note : Reset release voltage ; Vcc=2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com