Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 22 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 22 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
22
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
16-Bit Timer
Timer X is a 16-bit timer that can be selected in one of four modes by
the Timer X mode register 1, 2 and can be controlled the timer X
write and the real time port by setting the timer X mode registers.
Read and write operation on 16-bit timer must be performed for both
high- and low-order bytes. When reading a 16-bit timer, read from
the high-order byte first. When writing to 16-bit timer, write to the low-
order byte first. The 16-bit timer cannot perform the correct operation
when reading during write operation, or when writing during read
operation.
qTimer X
Timer X is a down-counter. When the timer reaches “000016,” an
underflow occurs with the next count pulse. Then the contents of the
timer latch is reloaded into the timer and the timer continues down-
counting. When a timer underflows, the interrupt request bit corre-
sponding to that timer is set to “1.”
(1) Timer mode
A count source can be selected by setting the Timer X count source
selection bits (bits 1 and 2) of the Timer X mode register 1.
(2) Pulse output mode
Each time the timer underflows, a signal output from the CNTR2 pin
is inverted. Except for this, the operation in pulse output mode is the
same as in timer mode. When using a timer in this mode, set the port
shared with the CNTR2 pin to output.
(3) Event counter mode
The timer counts signals input through the CNTR2 pin. Except for
this, the operation in event counter mode is the same as in timer
mode. When using a timer in this mode, set the port shared with the
CNTR2 pin to input.
(4) Pulse width measurement mode
A count source can be selected by setting the Timer X count source
selection bits (bits 1 and 2) of the Timer X mode register 1. When
CNTR2 active edge switch bit is “0,” the timer counts while the input
signal of the CNTR2 pin is at “H.” When it is “1,” the timer counts
while the input signal of the CNTR2 pin is at “L.” When using a timer
in this mode, set the port shared with the CNTR2 pin to input.
s Note
•Timer X Write Control
If the timer X write control bit is “0,” when the value is written in the
address of timer X, the value is loaded in the timer X and the latch at
the same time.
If the timer X write control bit is “1,” when the value is written in the
address of timer X, the value is loaded only in the latch. The value in
the latch is loaded in timer X after timer X underflows.
When the value is written in latch only, unexpected value may be set
in the high-order counter if the writing in high-order latch and the
underflow of timer X are performed at the same timing.
•Real Time Port Control
While the real time port function is valid, data for the real time port
are output from ports P85 and P86 each time the timer X underflows.
(However, if the real time port control bit is changed from “0” to “1,”
data are output without the timer X.) When the data for the real time
port is changed while the real time port function is valid, the changed
data are output at the next underflow of timer X.
Before using this function, set the corresponding port direction regis-
ters to output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com