Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 52 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 52 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
52
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 60 Interrupt Interval Determination Operation Example (at both-sided edge active)
Fig. 59 Interrupt Interval Determination Operation Example (at rising edge active)
Fig. 58 Structure of Interrupt Interval Determination Control Register
Interrupt interval determination control register
(IIDCON: address 003116)
Interrupt interval determination circuit operating selection bit
0 : Stopped
1 : Operating
Counter sampling clock selection bit
0 : f(XIN)/128
1 : f(XIN)/256
Noise filter sampling clock selection bits (INT2)
00 : Filter stop
01 : f(XIN)/32
10 : f(XIN)/64
11 : f(XIN)/128
One-sided/both-sided edge detection selection bit
0 : One-sided edge detection
1 : Both-sided edge detection (can be used when using a noise filter)
Not used (return “0” when read)
b7
b0
Remote control
interrupt request
0
1
2
3
4
5
6
1
2
3
0
FE
FF
N
FF
0
FF
6
6
N
1
N
(When IIDCON4 = “0”)
Noise filter
sampling clock
INT2 pin
Acceptance of
interrupt
Counter sampling
clock
8-bit binary up
counter value
Interrupt interval
determination
register value
Remote control
interrupt request
Counter overflow
interrupt request
0
1
1
0
FE
FF
2
FF
2
3
3
FF
2
N
N
N
3
2
2
2
0
1
2
1
0
1
0
2
Remote control
interrupt request
(When IIDCON4 = “1”)
Noise filter
sampling clock
INT2 pin
Acceptance of
interrupt
Counter sampling
clock
8-bit binary up
counter value
Interrupt interval
determination
register value
Remote control
interrupt request
Counter overflow
interrupt request
Remote control
interrupt request
Remote control
interrupt request
~
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com