Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 64 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 64 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 60Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 62Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 63Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 64Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 65Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 68Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
64
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Table 12 Recommended Operating Conditions (2) (VCC = 4.0 to 5.5V, Ta = –20 to 85°C, unless otherwise noted)
Clock input frequency for timers 2, 4, and X (duty cycle 50 %)
Main clock input oscillation frequency (Note 1)
Sub-clock input oscillation frequency (Note 1, 2)
Symbol
Parameter
Limits
Unit
f(CNTR0)
f(CNTR1)
f(XIN)
f(XCIN)
kHz
MHz
kHz
250
4.2
50
Max.
Typ.
Min.
32.768
Notes 1: When the oscillation frequency has a duty cycle of 50%.
2: When using the microcomputer in low-speed mode, set the sub-clock input oscillation frequency on condition that f(XCIN) < f(XIN)/3.
ELECTRICAL CHARACTERISTICS
Table 13 Electrical Characteristics (1) (VCC = 4.0 to 5.5V, Ta = –20 to 85°C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
“H” output voltage P00–P07, P10–P17, P20–P27,
P30–P37, P80–P83
“H” output voltage P50–P57, P60–P65, P70–P77,
P84–P87, P90, P91
“L” output voltage P50–P57, P61–P65, P84–P87,
P90, P91
“L” output voltage P40–P46, P60
Hysteresis
P40–P42, P44–P47, P5, P60,
P61, P64
Hysteresis
RESET, XIN
Hysteresis
XCIN
“H” input current
P47, P50–P57, P61–P65,
P70–P77, P84–P87
“H” input current
P40–P46, P60
“H” input current
P20–P27, P80–P83 (Note)
“H” input current
RESET, XCIN
“H” input current
XIN
“L” input current
P40–P47, P60
“L” input current
P50–P57, P61–P65, P70–P77,
P84–P87, P90, P91
“L” input current
P20–P27, P80–P83 (Note)
“L” input current
RESET, XCIN
“L” input current
XIN
Output load current
P00–P07, P10–P17, P30–P37
Output leak current
P00–P07, P10–P17, P20–P27,
P30–P37, P80–P83
“H” read current
RAM hold voltage
VOH
VOH
VOL
VOL
VT+–VT–
VT+–VT–
VT+–VT–
IIH
IIH
IIH
IIH
IIH
IIL
IIL
IIL
IIL
IIL
ILOAD
ILEAK
IREADH
VRAM
IOH = –18 mA
IOH = –10 mA
IOL = 10 mA
IOL = 15 mA
VI = VCC
VI = 12 V
VI = VCC
VI = VCC
VI = VCC
VI = VSS
VI = VSS
Pull-up “off”
VCC = 5 V, VI = VSS
Pull-up “on”
VCC = 3 V, VI = VSS
Pull-up “on”
VI = VSS
VI = VSS
VI = VSS
VEE = VCC–43 V, VOL = VCC
Output transistors “off”
VEE = VCC–43 V, VOL = VCC
–
43 V Output transistors “off”
VI = 5 V
When clock is stopped
Test conditions
VCC–2.0
VCC–2.0
2.0
2.0
5.0
10.0
5.0
5.0
–5.0
–5.0
–140
–45
–5.0
–5.0
900
–10
5.5
0.6
0.4
0.5
0.5
4.0
–70
–25
–4.0
600
1
–30
–6.0
300
2
Note: Except when reading ports P2 or P8.
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com