Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 45 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 45 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
45
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Timing setting
Each timing is set by the FLDC mode register, Tdisp time set regis-
ter, Toff1 time set register, and Toff2 time set register.
•Tdisp time setting
Set the Tdisp time by the Tdisp counter count source selection bit of
the FLDC mode register and the Tdisp time set register.
Supposing that the value of the Tdisp time set register is n, the
Tdisp time is represented as Tdisp = (n+1) ! t (t: count source
synchronization).
When the Tdisp counter count source selection bit of the FLDC mode
register is “0” and the value of the Tdisp time set register is 200
(C816), the Tdisp time is: Tdisp = (200+1) ! 4 (at XIN= 4 MHz) = 804
µs. When reading the Tdisp time set register, the value in the
counter is read out.
•Toff1 time setting
Set the Toff1 time by the Toff1 time set register.
Supposing that the value of the Toff1 time set register is n1, the
Toff1 time is represented as Toff1 = n1 ! t.
When the Tdisp counter count source selection bit of the FLDC mode
register is “0” and the value of the Toff1 time set register is 30
(1E16), Toff1 = 30 ! 4 (at XIN = 4 MHz) = 120 µs.
•Toff2 time setting
Set the Toff2 time by the Toff2 time set register.
Supposing that the value of the Toff2 time set register is n2, the
Toff2 time is represented as Toff2 = n2 ! t.
When the Tdisp counter count source selection bit of the FLDC mode
register is “0” and the value of the Toff2 time set register is 180
(B416), Toff2 = 180 ! 4 (at XIN = 4 MHz) = 720 µs.
This Toff2 time setting is valid only for FLD ports which are in the
gradation display mode and whose gradation display control RAM
value is “1.”
FLD automatic display start
To perform FLD automatic display, set the following registers.
•Port P0FLD/port switch register
•Port P2FLD/port switch register
•Port P8FLD/port switch register
•FLDC mode register
•Tdisp time set register
•Toff1 time set register
•Toff2 time set register
•FLD data pointer
FLD automatic display mode is selected by writing “1” to the bit 0 of
the FLDC mode register (address 0EF416), and the automatic dis-
play is started by writing “1” to bit 1. During FLD automatic display,
bit 1 of the FLDC mode register (address 0EF416) always keeps “1,”
and FLD automatic display can be interrupted by writing “0” to bit 1.
Key-scan
When a key-scan is performed with the segment during key-scan
blanking period Tscan, take the following sequence:
1. Write “0” to bit 0 of the FLDC mode register (address 0EF416).
2. Set the port corresponding to the segment for key-scan to the
output port.
3. Perform the key-scan.
4. After the key-scan is performed, write “1” to bit 0 of FLDC mode
register (address 0EF416).
s Note
When performing a key-scan according to the above steps 1 to 4,
take the following points into consideration.
1. Do not set “0” in bit 1 of the FLDC mode register (address 0EF416).
2. Do not set “1” in the ports corresponding to digits.
P84 to P87 FLD Output Reverse Function
P84 to P87 are provided with a function to reverse the polarity of the
FLD output. This function is useful in adjusting the polarity when
using an externally installed driver.
The output polarity can be reversed by setting bit 0 of the port P8
FLD output control register to “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com