Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 65 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 65 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 62Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 63Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 64Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 65Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 69Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 65 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
65
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Table 14 Electrical Characteristics (2) (VCC = 4.0 to 5.5V, Ta = –20 to 85°C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
Test conditions
ICC
Power source current
7.5
1
3
1
60
20
0.6
0.1
15
200
40
1
10
mA
mA
mA
mA
µA
µA
mA
µA
µA
High-speed mode
f(XIN) = 4.2 MHz
f(XCIN) = 32 kHz
Output transistors “off”
High-speed mode
f(XIN) = 4.2 MHz (in WIT state)
f(XCIN) = 32 kHz
Output transistors “off”
Middle-speed mode
f(XIN) = 4.2 MHz
f(XCIN) = stopped
Output transistors “off”
Middle-speed mode
f(XIN) = 4.2 MHz (in WIT state)
f(XCIN) = stopped
Output transistors “off”
Low-speed mode
f(XIN) = stopped
f(XCIN) = 32 kHz
Low-power dissipation mode (CM3 = 0)
Output transistors “off”
Low-speed mode
f(XIN) = stopped
f(XCIN) = 32 kHz (in WIT state)
Low-power dissipation mode (CM3 = 0)
Output transistors “off”
Increment when A-D conversion is executed
All oscillation stopped (in STP state)
Output transistors “off”
Ta = 25°C
Ta = 85°C
A-D CONVERTER CHARACTERISTICS
Table 15 A-D Converter Characteristics
(VCC = 4.0 to 5.5V, VSS = 0V, Ta = –20 to 85°C, f(XIN) = 250 kHz to 4.2 MHz in high-speed mode, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
Test conditions
—
—
TCONV
IVREF
IIA
RLADDER
Resolution
Absolute accuracy (excluding quantization error)
Conversion time
Reference input current
Analog port input current
Ladder resistor
VCC = VREF = 5.12 V
VREF = 5.0 V
61
50
±1
150
0.5
35
10
±2.5
62
200
5.0
Bits
LSB
tc(
φ)
µA
µA
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com