Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 44 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 44 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
44
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 48 Example of Using the FLD Automatic Display RAM
Using Grid Scan Type
Setting method when using the grid scan type FLD
When using the grid scan type FLD, set “1” in the RAM area corre-
sponding to the digit ports that output “1” at each timing. Set “0” in
the RAM area corresponding to the other digit ports.
Fig. 47 Example of Digit Timing Using Grid Scan Type
DIG10 (P31)
DIG9 (P30)
DIG8 (P17)
DIG2 (P11)
DIG1 (P10)
Number of timing: 10
The first second
third.......................9th
10th
Segment output
0FCF16
0FB016
0FB116
0FB216
0FB316
0FB416
0FB516
0FB616
0FB716
0FB816
0FB916
0FBA16
0FBB16
0FBC16
0FBD16
0FBE16
0FBF16
0FC016
0FC116
0FC216
0FC316
0FC416
0FC516
0FC616
0FC716
0FC816
0FC916
0FCA16
0FCB16
0FCC16
0FCD16
0FCE16
7
654
210
0FD016
0FD116
0FD216
0FD316
0FD416
0FD516
0FD616
0FD716
0FD816
0FD916
0FDA16
0FDB16
0FDC16
0FDD16
0FDE16
0FDF16
Bit
Address
0FE116
0FE216
0FE316
0FE416
0FE516
0FE616
0FE716
0FE816
0FE916
0FEA16
0FEB16
0FEC16
0FED16
0FEE16
0FEF16
0FE016
0FF116
0FF216
0FF316
0FF416
0FF516
0FF616
0FF716
0FF816
0FF916
0FFA16
0FFB16
0FFC16
0FFD16
0FFE16
0FFF16
0FF016
3
1
1
1
1
1
1
1
1
1
1
0000000
0000000
0000000
0000000
000000
000000
00000
00000
0000
0000
000
000
00
00
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Number of FLD segments: 16
Number of timing: 10
(FLD data pointer reload register = 9)
The last timing
(The last data of FLDP2)
Note:
shaded area is used for segment.
shaded area is used for digit.
FLDP2 data area
Timing for start
(The first data of FLDP2)
The last timing
(The last data of FLDP0)
FLDP0 data area
Timing for start
(The first data of FLDP0)
The last timing
(The last data of FLDP1)
FLDP1 data area
Timing for start
(The first data of FLDP1)
The last timing
(The last data of FLDP3)
FLDP3 data area
Timing for start
(The first data of FLDP3)
The last timing
(The last data of FLDP8)
FLDP8 data area
Timing for start
(The first data of FLDP8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com