Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 24 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 24 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
24
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Serial I/O
qSerial I/O1
Serial I/O1 is used as the clock synchronous serial I/O and has an
ordinary mode and an automatic transfer mode. In the automatic
transfer mode, serial transfer is performed through the serial I/O
automatic transfer RAM which has up to 256 bytes (addresses
0F0016 to 0FFF16: addresses 0F6016 to 0FFF16 are also used as
Fig. 19 Block Diagram of Serial I/O1
FLD automatic display RAM).
________
The P62/SRDY1/AN8, P64/INT4/SBUSY1/AN10, and P65/SSTB1/AN11
pins each have a handshake I/O signal function and can select
either “H” active or “L” active for active logic.
Main
data bus
Serial I/O1
automatic transfer
controller
Local
data bus
Serial I/O automatic
transfer RAM
(0F0016—0FFF16)
Serial I/O1
control register 3
XCIN
XIN
Internal system
clock selection bit
Serial I/O1
automatic transfer
data pointer
Address decoder
Main address
bus
Local address
bus
“1”
“0”
1/8
1/16
1/32
1/64
1/128
Serial I/O1
interrupt request
P64 latch
Serial I/O1 counter
Synchronous
circuit
Serial I/O1
synchronous clock
selection bit
“1”
P62 latch
P52/SCLK11
“0”
“1”
“0”
Internal synchronous
clock selection bits
1/256
P65 latch
P64/SBUSY1
P65/SSTB1
(P65/SSTB1 pin control bit)
Serial transfer
status flag
“0”
“1”
“0”
“1”
P62/SRDY1
“0”
“1”
P52 latch
P51/SOUT1
P50/SIN1
P51 latch
Serial I/O1 register (8)
“0”
“1” Serial transfer selection bits
1/2
1/4
Serial I/O1 clock
pin selection bit
P53/SCLK12
“1”
“0”
P53 latch
“0”
“1”
“0”
“1”
Serial I/O1 clock
pin selection bits
P62/SRDY1•P64/SBUSY1
pin control bit
P62/SRDY1•P64/SBUSY1
pin control bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com