Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 50 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 50 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
50
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 56 14-bit PWM Timing
Fig. 55 Structure of PWM Control Register
P87/PWM output selection bit
0: I/O port
1: PWM output
Not used (return “0” when read)
PWM control register
(PWMCON: address 002616)
b7
b0
6A
6A
6A
6A
6A
6B
6A
6A
6A
6A
6A
6A
6A
6A
6B
6B
6B
6B
6B
6B
6B
6B
6B
6B
6B
6B
6B
5
5
5
5
5
5
5
5
5
5
5
5
5
5
6A
6A
6B
6B
6B
6A
6B
6B
6B
6A
6B
6B
6B
6A
6A
6A
6A
6A
6A
6A
6A
6A
6A
6A
6A
6A
6A
4
3
4
4
3
4
4
3
4
6B
6A
69
68
67
02
01
6A
69
68
67
02
01
02
01
00
FF
FE
FD
97
96
95
02
01
00
FC
FF
FE
FD
97
96
95
FC
ADD
ADD
165316
1A9316
1AA416
1AA416
1EE416
1EF516
T = 4096
µs
t = 64
µs
1316
A416
2416
3516
7B16
6A16
5916
Data 3516 stored at address 001516
t = 64
µs
τ = 0.25 µs
“H” period length specified by PWMH
1
2
B516
2
PWM register
(high-order)
PWM register
(low-order)
PWM latch
(14-bit)
Data 6A16 stored at address 001416
Data 2416 stored at address 001516
Bit 7 cleared after transfer
Transfer from register to latch
Data 7B16 stored at address 001416
Transfer from register to latch
When bit 7 of PWML is “0,” transfer
from register to latch is disabled.
PWM output
(Example 1)
Low-order 6-bits
output
H = 6A16
L = 2416
6B16............36 times
(107)
6A16............28 times
(106)
PWM output
(Example 2)
Low-order 6 bits
output
H = 6A16
L = 1816
6B16............24 times
6A16............40 times
PWM output
8-bit counter
The ADD portions with
additional
τ are determined
either “H” or “L” by low-order
6-bit data.
Minimum bit width
(64
64
µs)
!
106 ! 64 + 24
(256
0.25
µs)
256
(64
µs), fixed
τ
106 ! 64 + 36
!
………
………
………
………
………
.............



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com