Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
6
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
GROUP EXPANSION
Mitsubishi plans to expand the 38B5 group as follows:
Memory Type
Support for Mask ROM, One Time PROM and EPROM versions.
Memory Size
ROM/PROM size .................................................. 24K to 60K bytes
RAM size ........................................................... 1024 to 2048 bytes
Package
80P6N-A ..................................... 0.8 mm-pitch plastic molded QFP
80D0 ........................ 0.8 mm-pitch ceramic LCC (EPROM version)
Fig. 4 Memory Expansion Plan
Currently supported products are listed below.
Table 3 List of Supported Products
(P) ROM size (bytes)
Product
RAM size (bytes)
Package
Remarks
ROM size for User ( )
Note : Products under development or planning : the development schedule and specifications may be revised without notice.
As of Jan. 1998
M38B57MC-XXXFP
49152
(49022)
1024
80P6N-A
Mask ROM version
60K
56K
52K
48K
44K
36K
32K
28K
24K
20K
16K
12K
8K
4K
40K
ROM size (bytes)
256
512
768
1,024
1,536
2,048
RAM size (bytes)
M38B59EF
M38B57M6
Under development
M38B57MC
New product
Planning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com