Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 49 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 49 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
49
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
1. Data setup
The PWM output pin also function as port P87. Set port P87 to be the
PWM output pin by setting bit 0 of the PWM control register (address
002616) to “1.” The high-order 8 bits of output data are set in the
high-order PWM register PWMH (address 001416) and the low-order
6 bits are set in the low-order PWM register PWML (address 001516).
2. PWM operation
The timing of the 14-bit PWM function is shown in Figure 56.
The 14-bit PWM data is divided into the low-order 6 bits and the
high-order 8 bits in the PWM latch.
The high-order 8 bits of data determine how long an “H” level signal
is output during each sub-period. There are 64 sub-periods in each
period, and each sub-period t is 256 !
τ (= 64 µs) long. The signal’s
“H” has a length equal to N times
τ, and its minimum resolution = 250
ns.
The last bit of the sub-period becomes the ADD bit which is specified
either “H” or “L,” by the contents of PWML. As shown in Table 8, the
ADD bit is decided either “H” or “L.”
That is, only in the sub-period tm shown in Table 8 in the PWM cycle
period T = 64t, the “H” duration is lengthened during the minimum
resolution width
τ period in comparison with the other period.
For example, if the high-order eight bits of the 14-bit data are “0316”
and the low-order six bits are “0516,” the length of the “H” level output
in sub-periods t8, t24, t32, t40 and t56 is 4
τ, and its length 3 τ in all other
sub-periods.
Time at the “H” level of each sub-period almost becomes equal be-
cause the time becomes length set in the high-order 8 bits or be-
comes the value plus
τ, and this sub-period t (= 64 µs, approximate
15.6 kHz) becomes cycle period approximately.
3. Transfer from register to latch
Data written to the PWML register is transferred to the PWM latch
once in each PWM period (every 4096 µs), and data written to the
PWMH register is transferred to the PWM latch once in each sub-
period (every 64 µs). When the PWML register is read, the contents
of the latch are read. However, bit 7 of the PWML register indicates
whether the transfer to the PWM latch is completed; the transfer is
completed when bit 7 is “0.”
Table 8 Relationship between Low-order 6-bit Data and Setting
Period of ADD Bit
Low-order
6-bit data
Sub-periods tm lengthened (m = 0 to 63)
0 0 0 0 0 0
None
0 0 0 0 0 1
m = 32
0 0 0 0 1 0
m = 16, 48
0 0 0 1 0 0
m = 8, 24, 40, 56
0 0 1 0 0 0
m = 4, 12, 20, 28, 36, 44, 52, 60
0 1 0 0 0 0
m = 2, 6, 10, 14, 18, 22, 26, 30, 34, 38, 42, 46, 50, 54, 58, 62
1 0 0 0 0 0
m = 1, 3, 5, 7, .................................................., 57, 59, 61, 63
LSB
Fig. 54 PWM Timing
15.75
µs
64
µs
64
µs
64
µs
64
µs
64
µs
m = 0
m = 7
m = 8
m = 9
m = 63
16.0
µs
15.75
µs
15.75
µs
15.75
µs
15.75
µs
15.75
µs
Pulse width modulation register H: 00111111
Pulse width modulation register L: 000101
Sub-periods where “H” pulse width is 16.0
µs: m = 8, 24, 32, 40, 56
Sub-periods where “H” pulse width is 15.75
µs: m = all other values
4096
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com