Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 204 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 204 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 200Page - National Semiconductor (TI) PC87365 Datasheet HTML 201Page - National Semiconductor (TI) PC87365 Datasheet HTML 202Page - National Semiconductor (TI) PC87365 Datasheet HTML 203Page - National Semiconductor (TI) PC87365 Datasheet HTML 204Page - National Semiconductor (TI) PC87365 Datasheet HTML 205Page - National Semiconductor (TI) PC87365 Datasheet HTML 206Page - National Semiconductor (TI) PC87365 Datasheet HTML 207Page - National Semiconductor (TI) PC87365 Datasheet HTML 208Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 215 page
background image
12.0 Device Characteristics (Continued)
204
www.national.com
12.3 INTERNAL RESISTORS
12.3.1
Pull-Up Resistor
Symbol: PUnn.
12.3.2
Pull-Down Resistor
Symbol: PDnn.
12.4 ANALOG CHARACTERISTICS
12.4.1
VLM
Symbol
Parameter
Conditions
Typical
Min
Max
Unit
RPU
Pull-up equivalent resistance
VDD = 3.3V
nn
nn
−30% nn+30%
K
Ω
Symbol
Parameter
Conditions
Typical
Min
Max
Unit
RPD
Pull-down equivalent resistance
VDD = 3.3V
nn
nn
−30% nn+30%
K
Ω
Symbol
Parameter
Conditions1
1.
All parameters specified for 0
° C ≤ T
A ≤ 70° C and AVCC= 3.3V ± 5% unless otherwise specified and external
VREF = 1.211V.
Min
Typical
Max
Unit
VRES
Resolution
8
bit
VIREF
Internal Reference Voltage
1.208
1.211
1.216
V
VDNL
Differential (non-linearity) Error2
2.
The maximum difference between an ideal step size of 1 LSB and any actual step size.
±0.53
3.
No missing codes.
LSB
VREF
Reference Voltage Input4
4.
The voltage connected to this input serves as the reference voltage used to calculate the actual input
voltatge.
1.211
V
ACU
Accuracy5
5.
Total unadjusted error (incoludes the offset, gain, integral n0on-linearity and quantization (0.5 LSB) errors).
0V
≤ V
IN ≤ 1.2V
±2
LSB
1.2V
≤ V
IN ≤ 2V
±2
LSB
2V
≤ V
IN ≤ 0.95 VFS
±4
LSB
VFS
Full Scale Voltage
2.967
V
VIN
Input Voltage Range
0
2.45*VREF
V
tACT
VLM Activation Time6
6.
Time from when the VLMCFG register Standby Mode Enable bit = 0 until valid conversions are possible.
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com