Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 33Page - National Semiconductor (TI) PC87365 Datasheet HTML 34Page - National Semiconductor (TI) PC87365 Datasheet HTML 35Page - National Semiconductor (TI) PC87365 Datasheet HTML 36Page - National Semiconductor (TI) PC87365 Datasheet HTML 37Page - National Semiconductor (TI) PC87365 Datasheet HTML 38Page - National Semiconductor (TI) PC87365 Datasheet HTML 39Page - National Semiconductor (TI) PC87365 Datasheet HTML 40Page - National Semiconductor (TI) PC87365 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 215 page
background image
2.0 Device Architecture and Configuration (Continued)
37
www.national.com
Control
The only implemented control register for each logical device is the Activate register at index 30h. Bit 0 of the Activate reg-
ister controls the activation of the associated function block. Activation of the block enables access to the block’s registers
and attaches its system resources, which are unused as long as the block is not activated. Other effects may apply on a
function-specific basis (such as clock enable and active pinout signaling).
Standard Configuration
The standard configuration registers are used to manage the PnP resource allocation to the functional blocks. The I/O port
base address descriptor 0 is a pair of registers at Index 60-61h, holding the (first or only) 16-bit base address for the register
set of the functional block. An optional 16-bit second base-address (descriptor 1) at index 62-63h is used for logical devices
with more than one continuous register set. Interrupt Number and Wake-Up on IRQ Enable (index 70h) and IRQ Type Select
(index 71h) allocate an IRQ line to the block and control its type. DMA Channel Select 0 (index 74h) allocates a DMA channel
to the block, where applicable. DMA Channel Select 1 (index 75h) allocates a second DMA channel, where applicable.
Special Configuration
The vendor-defined registers, starting at index F0h, are used to control function-specific parameters such as operation
modes, power saving modes, pin TRI-STATE, clock rate selection and non-standard extensions to generic functions.
2.2.5
Default Configuration Setup
The default configuration setup of the PC87365 can include four reset types, described below. See specific register descrip-
tions for the bits affected by each reset type.
• Software Reset
This reset is enabled by bit 1 of the SIOCF1 register, which resets all logical devices. A software reset also resets most
bits in the SuperI/O control and configuration registers (see Section 2.9 for the bits not affected). This reset does not
affect register bits that are locked for write access.
• Hardware Reset
This reset is activated by the assertion of the LRESET input. It resets all logical devices, with the exception of the System
Wake-Up Control (SWC). It also resets all SuperI/O control and configuration registers, except for those that are battery-
backed.
• V
PP Power-Up Reset
This reset is activated when either VSB or VBAT is powered up after both have been off. VPP is an internal voltage which
is a combination of VSB and VBAT.VPP is taken from VSB if VSB is greater than the minimum (Min) value defined in the
Device Characteristics chapter; otherwise, VBAT is used as the VPP source. This reset resets all registers whose values
are retained by VPP.
• V
SB Power-Up Reset
This is an internally generated reset that resets the SWC, excluding those SWC registers whose values are retained by
VPP. This reset is activated after VSB is powered up.
In the event of a hardware reset, the PC87365 wakes up with the following default configuration setup:
— The configuration base address is 2Eh or 4Eh, according to the BADDR strap pin value, as shown in Table 5.
— The Keyboard Controller (KBC) is active and all other logical devices are disabled, with the exception of the SWC,
which remains functional but whose registers cannot be accessed.
— All multiplexed GPIO pins, except for pins whose function is controlled by battery-backed registers and pins 8 and 9
(which are controlled by bits 1 and 0 of the SIOCF3 register) are configured as GPIO pins, with an internal static pull-
up (default direction is input).
In the event of either a hardware or a software reset, the PC87365 wakes up with the following default configuration setup:
— The legacy devices are assigned with their legacy system resource allocation.
— The National proprietary functions are not assigned with any default resources and the default values of their base
addresses are all 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com