Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 62Page - National Semiconductor (TI) PC87365 Datasheet HTML 63Page - National Semiconductor (TI) PC87365 Datasheet HTML 64Page - National Semiconductor (TI) PC87365 Datasheet HTML 65Page - National Semiconductor (TI) PC87365 Datasheet HTML 66Page - National Semiconductor (TI) PC87365 Datasheet HTML 67Page - National Semiconductor (TI) PC87365 Datasheet HTML 68Page - National Semiconductor (TI) PC87365 Datasheet HTML 69Page - National Semiconductor (TI) PC87365 Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 215 page
background image
2.0 Device Architecture and Configuration (Continued)
66
www.national.com
2.15.2
Logical Devices 5 and 6 (Mouse and Keyboard) Configuration
Tables 25 and 26 list the configuration registers that affect the Mouse and the Keyboard, respectively. Only the last register
(F0h) is described here. See Sections 2.2.3 and 2.2.4 for descriptions of the others.
Table 25. Mouse Configuration Registers
Table 26. Keyboard Configuration Registers
Index
Mouse Configuration Register or Action
Type
Reset
30h
Activate. See also bit 0 of the SIOCF1. When the Mouse of the KBC is inactive, the
IRQ selected by the Mouse Interrupt Number and Wake-Up on IRQ Enable register
(index 70h) is not asserted. This register has no effect on host KBC commands
handling the PS/2 Mouse.
R/W
00h
70h
Mouse Interrupt Number and Wake-Up on IRQ Enable register (see note, p. 35).
R/W
0Ch
71h
Mouse Interrupt Type. Bits 1,0 are read/write; other bits are read only.
R/W
02h
74h
Report no DMA assignment
RO
04h
75h
Report no DMA assignment
RO
04h
Index
Keyboard Configuration Register or Action
Type
Reset
30h
Activate. See also bit 0 of the SIOCF1.
R/W
01h
60h
Base Address MSB register. Bits 7-3 (for A15-11) are read only, 00000b.
R/W
00h
61h
Base Address LSB register. Bits 2-0 are read only 000b.
R/W
60h
62h
Command Base Address MSB register. Bits 7-3 (for A15-11) are read only,
00000b.
R/W
00h
63h
Command Base Address LSB. Bits 2-0 are read only 100b.
R/W
64h
70h
KBD Interrupt Number and Wake-Up on IRQ Enable register (see note, p. 35).
R/W
01h
71h
KBD Interrupt Type. Bits 1,0 are read/write; others are read only.
R/W
02h
74h
Report no DMA assignment.
RO
04h
75h
Report no DMA assignment.
RO
04h
F0h
KBC Configuration register.
R/W
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com