Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 38Page - National Semiconductor (TI) PC87365 Datasheet HTML 39Page - National Semiconductor (TI) PC87365 Datasheet HTML 40Page - National Semiconductor (TI) PC87365 Datasheet HTML 41Page - National Semiconductor (TI) PC87365 Datasheet HTML 42Page - National Semiconductor (TI) PC87365 Datasheet HTML 43Page - National Semiconductor (TI) PC87365 Datasheet HTML 44Page - National Semiconductor (TI) PC87365 Datasheet HTML 45Page - National Semiconductor (TI) PC87365 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 215 page
background image
2.0 Device Architecture and Configuration (Continued)
42
www.national.com
When VSB is first applied, the PSC state machine is initialized to Power Fail state. In this state, the mechanism waits for the
PC87365 to be initialized according to strap options. Then the PSC enters Check Resume Mode state. In this state, the PSC
checks if Resume to Last PSON state is enabled.
If Resume to Last PSON is enabled, PSON immediately resumes the state it was in when VSB was lost. To enable this mech-
anism, set bit 2 of the SIOCFD register to 1 and program the ACPI controller to resume OFF state (SLPS3 = 0) after power
fail recovery to allow the PSC to operate properly. If the last state of PSON was OFF, assuming that the ACPI controller also
resumed OFF state, PSON is set to inactive and the PSC enters OFF state. If the last state was ON, under the same as-
sumption, the ACPI controller must be notified to change its state to ON. This is done by pulsing the PWBTOUT output. This
synchronization pulse is generated when the PSC is in Synchronize ACPI state.
If Resume Last PSON State is disabled, the PSC enters either ON or OFF state according to the value of the SLPS3 input,
as follows:
q
If SLPS3 is low (active, state OFF), the PSC enters OFF state.
q
If SLPS3 is high (inactive, state ON), the PSC enters ON state.
Since SLPS3 reflects the state of the ACPI controller, the PSC actually resumes the current state of the ACPI controller.
After entering either ON or OFF states, PSC moves between these two states on the following conditions:
q
A falling edge on PWBTOUT (generated internally) changes the state from ON to OFF or vice versa.
q
A Software Power Supply Off command, writing 1 to Power Supply Off (bit 1) of the SIOCFD register, changes the
state from ON to OFF.
Since many wake-up events can activate the PWBTOUT signal, these events can actually cause the PSC to change its state
from OFF to ON, thus activating the PSON output.
As in ACPI mode, the Crowbar protection mechanism is also active in Legacy mode. However, in this mode, when a Crowbar
condition is detected, the PSC returns to OFF state, thus inactivating the PSON output. Also, to synchronize the APCI con-
troller, the PWBTOUT is pulsed to bring it to the correct state.
Table 13 summarizes the bit states that affect PSON VSB power-up default state.
Table 13. PSON VSB Power-Up Default State
Crowbar Condition
A Crowbar condition is a situation in which the signal that directly controls the system’s power supply is active for a certain
duration of time without a power supply response. To prevent this deadlock and enable reactivation of the power supply, a
special crowbar mechanism is included in the PSC logic.
Once the PSON is activated, assuming the power supply is off, a timer in the PSC logic starts counting. If this timer reaches
its terminal count before the power supply becomes active, the PSC detects a Crowbar condition. In this case, PSON is
deactivated and the PSC makes sure that the ACPI state of the system is changed to OFF.
The time that causes a Crowbar condition is defined as the Crowbar Timeout. The Crowbar Timeout of the PSC can be pro-
grammed to values between 0.5-2.25 seconds. This Timeout value is set by writing the appropriate value to bits 4-3 of the
SIOCFD register. For further details, refer to the description of this register in Section 2.9.13.
Resume Last
PSON State
(SIOCFD, Bit 2)
Last PSON
State
PSON VSB Power-Up
Default
10
0
11
1
0
X
Same as SLPS3 state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com