Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 17Page - National Semiconductor (TI) PC87365 Datasheet HTML 18Page - National Semiconductor (TI) PC87365 Datasheet HTML 19Page - National Semiconductor (TI) PC87365 Datasheet HTML 20Page - National Semiconductor (TI) PC87365 Datasheet HTML 21Page - National Semiconductor (TI) PC87365 Datasheet HTML 22Page - National Semiconductor (TI) PC87365 Datasheet HTML 23Page - National Semiconductor (TI) PC87365 Datasheet HTML 24Page - National Semiconductor (TI) PC87365 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 215 page
background image
1.0 Signal/Pin Connection and Description (Continued)
21
www.national.com
1.4
DETAILED SIGNAL/PIN DESCRIPTIONS
This section describes all signals. Signals are organized in functional groups.
1.4.1
ACCESS.bus Interface (ACB)
1.4.2
Bus Interface
1.4.3
Clock
1.4.4
Fan Speed Control and Monitor (FSCM)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
SCL
54
I/O
INSM/OD6
VDD
ACCESS.bus Clock Signal. An internal pull-up is optional,
depending upon the ACCESS.bus configuration register.
SDA
55
I/O
INSM/OD6
VDD
ACCESS.bus Data Signal. An internal pull-up is optional,
depending upon the ACCESS.bus configuration register.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
LAD0-3
15-18
I/O
INPCI/OPCI
VDD
LPC Address-Data. Multiplexed command, address bi-
directional data and cycle status.
LCLK
11
I
INPCI
VDD
LPC Clock. Practically, the PCI clock (up to 33 MHz).
LDRQ
13
O
OPCI
VDD
LPC DMA Request. Encoded DMA request for LPC I/F.
LFRAME
14
I
INPCI
VDD
LPC Frame. Low pulse indicates the beginning of new LPC
cycle or termination of a broken cycle.
LRESET
10
I
INPCI
VDD
LPC Reset. Practically, the PCI system reset.
PIRQ3-7
PIRQ9-12
PIRQ14-15
117-121
122-125
126-127
I
INTS
VDD
Parallel Interrupt. Converts Parallel Port interrupts into Serial
Interrupts by means of the Interrupt Serializer.
SERIRQ
12
I/O
INPCI/OPCI
VDD
Serial IRQ. The interrupt requests are serialized over a single
pin, where each internal IRQ signal is delivered during a
designated time slot.
SMI
21
OD
OD12
VDD
System Management Interrupt.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
CLKIN
22
I
INT
VDD
Clock In. 48 MHz clock input.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
FANIN0
FANIN1
FANIN2
4
2
128
I
INTS
VDD
Fan Inputs. Used to feed the fan’s tachometer pulse to the Fan
Speed Monitor. The rising edge indicates the completion of a half
(or full) revolution of the fan.
FANOUT0
FANOUT1
FANOUT2
5
3
1
O
O2/14
VDD
Fan Outputs. Pulse Width Modulation (PWM) signals, used to
control the speed of cooling fans by controlling the voltage
supplied to the fan’s motor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com