Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 73Page - National Semiconductor (TI) PC87365 Datasheet HTML 74Page - National Semiconductor (TI) PC87365 Datasheet HTML 75Page - National Semiconductor (TI) PC87365 Datasheet HTML 76Page - National Semiconductor (TI) PC87365 Datasheet HTML 77Page - National Semiconductor (TI) PC87365 Datasheet HTML 78Page - National Semiconductor (TI) PC87365 Datasheet HTML 79Page - National Semiconductor (TI) PC87365 Datasheet HTML 80Page - National Semiconductor (TI) PC87365 Datasheet HTML 81Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 215 page
background image
2.0 Device Architecture and Configuration (Continued)
77
www.national.com
2.18.4
Fan Speed Control and Monitor Configuration 2 Register
This register is reset by hardware to 00h.
Location:
Index F1h
Type:
R/W
2.18.5
Fan Speed Control OTS Configuration Register (FCOCR)
Location:
Index F2h
Type:
R/W
Bit
76543210
Name
Reserved
Fan Speed
Invert 2
Enable
Fan Speed
Control 2
Enable
Fan Speed
Monitor 2
Enable
Reset
00000000
Bit
Description
7-3
Reserved.
2
Fan Speed Invert 2 Enable.
0: Disabled (default)
1: Enabled
1
Fan Speed Control 2 Enable.
0: Disabled (default)
1: Enabled
0
Fan Speed Monitor 2 Enable.
0: Disabled (default)
1: Enabled
Bit
76543210
Name
Reserved
Fan 2
Enable on
OTS
Fan 1
Enable on
OTS
Fan 0
Enable on
OTS
Reset
00000000
Bit
Description
7-3
Reserved.
2
Fan 2 Enable on OTS. Enables fan 2 at 100% duty cycle when an OTS event becomes active.
0: Fan 2 operates as defined by the PWM mechanism
1: Fan 2 is forced to 100% duty cycle when the OTS output form any of the temperature measurement channels
becomes active.
1
Fan 1 Enable on OTS. Enables fan 1 at 100% duty cycle when an OTS event becomes active.
0: Fan 1 operates as defined by the PWM mechanism
1: Fan 1 is forced to 100% duty cycle when the OTS output form any of the temperature measurement channels
becomes active.
0
Fan 0 Enable on OTS. Enables fan 0 at 100% duty cycle when an OTS event becomes active.
0: Fan 0 operates as defined by the PWM mechanism
1: Fan 0 is forced to 100% duty cycle when the OTS output form any of the temperature measurement channels
becomes active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com