Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 69Page - National Semiconductor (TI) PC87365 Datasheet HTML 70Page - National Semiconductor (TI) PC87365 Datasheet HTML 71Page - National Semiconductor (TI) PC87365 Datasheet HTML 72Page - National Semiconductor (TI) PC87365 Datasheet HTML 73Page - National Semiconductor (TI) PC87365 Datasheet HTML 74Page - National Semiconductor (TI) PC87365 Datasheet HTML 75Page - National Semiconductor (TI) PC87365 Datasheet HTML 76Page - National Semiconductor (TI) PC87365 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 215 page
background image
2.0 Device Architecture and Configuration (Continued)
73
www.national.com
2.17 ACCESS.BUS INTERFACE (ACB) CONFIGURATION
2.17.1
General Description
The ACB is a two-wire synchronous serial interface compatible with the ACCESS.bus physical layer. The ACB uses a 24
MHz internal clock.
The six runtime registers are shown below.
Table 29. ACB Runtime Registers
2.17.2
Logical Device 8 (ACB) Configuration
Table 30 lists the configuration registers that affect the ACB. Only the last register (F0h) is described here. See Sections
2.2.3 and 2.2.4 for a detailed description of the others.
Table 30. ACB Configuration Registers
Offset Mnemonic
Register Name
Type
00h
ACBSDA
ACB Serial Data
R/W
01h
ACBST
ACB Status
Varies per bit
02h
ACBCST
ACB Control Status
Varies per bit
03h
ACBCTL1
ACB Control 1
R/W
04h
ACBADDR ACB Own Address
R/W
05h
ACBCTL2
ACB Control 2
R/W
Index
Configuration Register or Action
Type
Reset
30h
Activate. See also bit 0 of the SIOCF1 register.
R/W
00h
60h
Base Address MSB register.
R/W
00h
61h
Base Address LSB register. Bits 2-0 (for A2-0) are read only, 000b.
R/W
00h
70h
Interrupt Number and Wake-Up on IRQ Enable register (see note, p. 35).
R/W
00h
71h
Interrupt Type. Bit 1 is read/write. Other bits are read only.
R/W
03h
74h
Report no DMA assignment.
RO
04h
75h
Report no DMA assignment.
RO
04h
F0h
ACB Configuration register.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com