Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 82 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 78Page - National Semiconductor (TI) PC87365 Datasheet HTML 79Page - National Semiconductor (TI) PC87365 Datasheet HTML 80Page - National Semiconductor (TI) PC87365 Datasheet HTML 81Page - National Semiconductor (TI) PC87365 Datasheet HTML 82Page - National Semiconductor (TI) PC87365 Datasheet HTML 83Page - National Semiconductor (TI) PC87365 Datasheet HTML 84Page - National Semiconductor (TI) PC87365 Datasheet HTML 85Page - National Semiconductor (TI) PC87365 Datasheet HTML 86Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 215 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
82
www.national.com
Six Wake-Up Extension Enable registers (WK_X1EN0,1, WK_X2EN0,1 and WK_X3EN0,1) hold three configuration bits for
each of the 16 events to allow selective routing of detected events to the Power Button (PWBTOUT) pulse generator and to
control the wake-up mode for each one of them. Figure 10 illustrates the Wake-Up Mode Control (Extension) mechanism.
Figure 10. Wake-Up Mode Control (Extension) Mechanism
To operate the power button pulse generator, the PSLDC0,1 straps must be set to enable the Power Supply Control function
(see Section 2.7). In addition, one of the following conditions must be satisfied:
q
SLPS5 is active (the system is in Sleep State 5), or
q
Legacy Power Button is enabled, or
q
Power Button operation in Sleep State 3 is enabled.
The two latter conditions are determined by device configuration registers. (Refer to the
Device Architecture and Configura-
tion chapter.)
In addition to monitoring various system events, the SWC operates several general-purpose I/O (GPIO) pins powered by
VSB. Four runtime data registers (SB_GPDOn and SB_GPDIn) hold a Data Out bit and a Data In bit for each VSB-powered
GPIO pin. In addition, each GPIO pin has a dedicated configuration register that controls its characteristics. These configu-
ration registers are accessed via a set of Standby GPIO Pin Select and Pin Configuration registers (SBGPSEL and SBG-
PCFG). For a detailed description of the VSB powered GPIO pins, see Section 3.4.30.
The SWC logic is powered by VSB. The SWC control and configuration registers are battery backed, powered by VPP. The
setup of the wake-up events, including programmable sequences, is retained throughout power failures (no VSB) as long as
the battery is connected. VPP is taken from VSB if VSB is greater than the minimum (Min) value defined in the Device Char-
acteristics chapter; otherwise, VBAT is used as the VPP source.
Hardware reset does not affect these registers. They are reset only by software reset or power-up of VPP.
3.3
EVENT DETECTION
3.3.1
Modem Ring
High-to-low transitions on RI1 or RI2 indicate the detection of a ring in an external modem connected to Serial Port 1 or Serial
Port 2, respectively, and can be used as wake-up events.
3.3.2
Telephone Ring
A telephone ring is detected by the SWC by processing the raw signal coming directly from the telephone line into the RING
input pin. Detection of a pulse-train with a frequency higher than 16 Hz lasting at least 0.19 sec is used as a wake-up event.
The RING pulse-train detection is achieved by monitoring the falling edges on RING in time slots of 62.5 msec (a 16 Hz
cycle). A positive detection occurs if falling edges of RING are detected in three consecutive time slots, following a time slot
in which no RING falling edge is detected. This detection method guarantees the detection of a RING pulse-train with fre-
quencies higher than 16 Hz. It filters out (does not detect) pulses of less than 10 Hz and may detect pulses between 10 Hz
to 16 Hz.
WK_X2ENn.i
WK_X1ENn.i
Wake-Up Raw Event i
VDD Present
Post VDD Power-On Silence
To Event i
Detection
Logic
WK_X3ENn.i
To Power
Button
Pulse
Generator
Post VSB Power-On Silence
Enable Power Button Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com