Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 41Page - National Semiconductor (TI) PC87365 Datasheet HTML 42Page - National Semiconductor (TI) PC87365 Datasheet HTML 43Page - National Semiconductor (TI) PC87365 Datasheet HTML 44Page - National Semiconductor (TI) PC87365 Datasheet HTML 45Page - National Semiconductor (TI) PC87365 Datasheet HTML 46Page - National Semiconductor (TI) PC87365 Datasheet HTML 47Page - National Semiconductor (TI) PC87365 Datasheet HTML 48Page - National Semiconductor (TI) PC87365 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 215 page
background image
2.0 Device Architecture and Configuration (Continued)
45
www.national.com
2.9.1
SuperI/O ID Register (SID)
This register contains the identity number of the chip. The PC87365 is identified by the value E5h.
Location:
Index 20h
Type:
RO
2.9.2
SuperI/O Configuration 1 Register (SIOCF1)
Location:
Index 21h
Type:
R/W
Bit
76543210
Name
Chip ID
Reset
11100101
Bit
76543210
Name
Pin
Function
Select Lock
Pins
117-127
Function
Select
Number of DMA Wait
States
Number of I/O Wait
States
SW Reset
Global
Device
Enable
Reset
00010001
Bit
Description
7
Pin Function Select Lock. This bit determines if the bits (located in the SIOCF1, 2, 3, 4, 5, A and B registers)
that select pin functions are read only or read/write. When set to 1, this bit can only be cleared by a hardware
reset.
0: Bits are R/W
1: Bits are RO
6
Pins 117-127 Function Select.
0: Pins 117-127 function set by SIOCF4 (default)
1: Pins 117-127 are PIRQ3-7, 9, 11-12, 14-15
5-4
Number of DMA Wait States.
Bits
5 4
Number
0 0
Reserved
0 1
Two (default)
1 0
Six
1 1
Twelve
3-2
Number of I/O Wait States.
Bits
3 2
Number
0 0
Zero (default)
0 1
Two
1 0
Six
1 1
Twelve
1
SW Reset. Read always returns 0.
0: Ignored (default)
1: Resets all the logical devices that are reset by hardware reset (with the exception of the lock bits) and resets
the registers of the SWC, VLM and TMS
0
Global Device Enable. This bit controls the function enable of all the PC87365 logical devices, except System
Wake-Up Control (SWC). With the exception of SWC, it allows all logical devices to be disabled simultaneously
by writing to a single bit.
0: All logical devices in the PC87365 are disabled, except SWC, VLM and TMS
1: Each logical device is enabled according to its Activate register (Index 30h) (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com