Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 76Page - National Semiconductor (TI) PC87365 Datasheet HTML 77Page - National Semiconductor (TI) PC87365 Datasheet HTML 78Page - National Semiconductor (TI) PC87365 Datasheet HTML 79Page - National Semiconductor (TI) PC87365 Datasheet HTML 80Page - National Semiconductor (TI) PC87365 Datasheet HTML 81Page - National Semiconductor (TI) PC87365 Datasheet HTML 82Page - National Semiconductor (TI) PC87365 Datasheet HTML 83Page - National Semiconductor (TI) PC87365 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 215 page
background image
80
www.national.com
3.0
System Wake-Up Control (SWC)
3.1
OVERVIEW
The SWC recognizes the following maskable system events:
q
Modem ring (RI1 and RI2 pins).
q
Telephone ring (RING input pin).
q
Keyboard activity or specific programmable key sequence.
q
Mouse activity or specific programmable sequence of clicks and movements.
q
Programmable Consumer Electronics IR (CEIR) address.
q
Wake-up on module IRQs for FDC, Parallel Port, Serial Ports 1 and 2, Mouse, KBC, ACB, Fan Speed Control and
Monitor (FSCM) and WATCHDOG Timer (WDT).
q
Eight VSB-powered, general-purpose input events (via GPIOE0-5 and GPIE6-7).
q
15 VDD-powered, GPIO-triggered events (via GPIO00-07, GPIO10-14, GPIO16-17).
q
Software event.
The SWC notifies the device when any of these events occur by asserting one or more of the following output pins:
q
Power-Up Request (PWUREQ).
q
System Management Interrupt (SMI).
q
Interrupt Request (via SERIRQ).
q
Power Button (PWBTOUT).
Figure 8 shows the block diagram of the SWC.
Figure 8. SWC Block Diagram
Filters and
Polarity
Selection
Logic
Wake-Up
Mode Control
(Extension)
Logic
Wake-Up Event
Detection
and Routing
Logic
Wake-Up
Event
Sources
IRQ
SMI
PWUREQ
16
16
16
100 msec
Pulse
Generator
14
Internal Crowbar
PWBTIN
Power-Supplies
System ACPI
(VDD, VSB) Status
State
Indication
PWBTOUT
Wake-Up
Extension
Enable
Registers
Wake-Up
Configuration
and Control
Registers
ACPI
Enable, Status
and Routing
Control Registers
16 msec
Debouncer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com