Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 6Page - National Semiconductor (TI) PC87365 Datasheet HTML 7Page - National Semiconductor (TI) PC87365 Datasheet HTML 8Page - National Semiconductor (TI) PC87365 Datasheet HTML 9Page - National Semiconductor (TI) PC87365 Datasheet HTML 10Page - National Semiconductor (TI) PC87365 Datasheet HTML 11Page - National Semiconductor (TI) PC87365 Datasheet HTML 12Page - National Semiconductor (TI) PC87365 Datasheet HTML 13Page - National Semiconductor (TI) PC87365 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 215 page
background image
Table of Contents (Continued)
10
www.national.com
8.3.3
ACB Status Register (ACBST) .................................................................................. 147
8.3.4
ACB Control Status Register (ACBCST) ................................................................... 148
8.3.5
ACB Control Register 1 (ACBCTL1) .......................................................................... 149
8.3.6
ACB Own Address Register (ACBADDR) ................................................................. 150
8.3.7
ACB Control Register 2 (ACBCTL2) .......................................................................... 150
8.4
ACB REGISTER BITMAP ........................................................................................................ 151
9.0
Voltage Level Monitor (VLM)
9.1
OVERVIEW ............................................................................................................................. 152
9.2
FUNCTIONAL DESCRIPTION ................................................................................................ 152
9.2.1
Voltage Measurement, Channels 0 through 10 ......................................................... 153
9.2.2
Power-On Reset Default States ................................................................................ 154
9.2.3
Standby Mode ........................................................................................................... 154
9.3
ANALOG SUPPLY CONNECTION ......................................................................................... 154
9.3.1
Recommendations ..................................................................................................... 154
9.3.2
Reference Voltage ..................................................................................................... 155
9.4
REGISTER BANK OVERVIEW ............................................................................................... 155
9.5
VLM REGISTERS .................................................................................................................... 156
9.5.1
VLM Register Map ..................................................................................................... 156
9.5.2
Voltage Event Status Register 0 (VEVSTS0) ............................................................ 157
9.5.3
Voltage Event Status Register 1 (VEVSTS1) ............................................................ 157
9.5.4
Voltage Event to SMI Register 0 (VEVSMI0) ............................................................ 158
9.5.5
Voltage Event to SMI Register 1 (VEVSMI1) ............................................................ 159
9.5.6
Voltage Event to IRQ Register 0 (VEVIRQ0) ............................................................ 160
9.5.7
Voltage Event to IRQ Register 1 (VEVIRQ1) ............................................................ 160
9.5.8
Voltage ID Register (VID) .......................................................................................... 160
9.5.9
Voltage Conversion Rate Register (VCNVR) ............................................................ 162
9.5.10
VLM Configuration Register (VLMCFG) .................................................................... 163
9.5.11
VLM Bank Select Register (VLMBS) ......................................................................... 163
9.5.12
Voltage Channel Configuration and Status Register (VCHCFST) ............................. 164
9.5.13
Read Channel Voltage Register (RDCHV) ................................................................ 165
9.5.14
Channel Voltage High Limit Register (CHVH) ........................................................... 165
9.5.15
Channel Voltage Low Limit Register (CHVL) ............................................................ 165
9.6
VLM REGISTER BITMAP ........................................................................................................ 166
9.6.1
VLM Control and Status Registers ............................................................................ 166
9.6.2
VLM Channel Registers ............................................................................................ 166
9.7
USAGE HINTS ........................................................................................................................ 167
9.7.1
Calculating the Channel Delay .................................................................................. 167
9.7.2
Measuring Out of Range Positive and Negative Voltages ......................................... 168
9.7.3
Obtaining the Specified VLM/TMS Accuracy ............................................................. 168
10.0
Temperature Sensor (TMS)
10.1
OVERVIEW ............................................................................................................................. 169
10.2
FUNCTIONAL DESCRIPTION ................................................................................................ 169
10.2.1
Register Bank Overview ............................................................................................ 170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com