Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 81Page - National Semiconductor (TI) PC87365 Datasheet HTML 82Page - National Semiconductor (TI) PC87365 Datasheet HTML 83Page - National Semiconductor (TI) PC87365 Datasheet HTML 84Page - National Semiconductor (TI) PC87365 Datasheet HTML 85Page - National Semiconductor (TI) PC87365 Datasheet HTML 86Page - National Semiconductor (TI) PC87365 Datasheet HTML 87Page - National Semiconductor (TI) PC87365 Datasheet HTML 88Page - National Semiconductor (TI) PC87365 Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 215 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
85
www.national.com
3.4.1
SWC Register Map
The following tables list the SWC registers. For the SWC register bitmap, see Section 3.5.
Table 36. Banks 0, 1, 2 and 3 - The Common Control and Status Register Map
Table 37. Bank 0 - PS/2 Keyboard/Mouse Wake-Up Configuration and Control Register Map
Table 38. Bank 1 - CEIR Wake-Up Configuration and Control Register Map
Offset
Mnemonic
Register Name
Type
Section
00h
WK_STS0
Wake-Up Events Status 0
R/W1C
3.4.2
01h
WK_STS1
Wake-Up Events Status 1
R/W1C
3.4.3
02h
WK_EN0
Wake-Up Enable 0
R/W
3.4.4
03h
WK_EN1
Wake-Up Enable 1
R/W
3.4.5
04h
WK_CFG
Wake-Up Configuration
R/W
3.4.6
05h-07h
Reserved
08h
SB_GPDO0
Standby GPIOE/GPIE Data Out 0
R/W
3.4.33
09h
SB_GPDI0
Standby GPIOE/GPIE Data In 0
RO
3.4.34
0Ah
SB_GPDO1
Standby GPOS Data Out 1
R/W
3.4.35
0Bh
SB_GPDI1
Standby GPIS Data In 1
RO
3.4.36
0Ch-12h
Reserved
Offset
Mnemonic
Register Name
Type
Section
13h
PS2CTL
PS/2 Protocol Control
R/W
3.4.18
14h-15h
Reserved
16h
KDSR
Keyboard Data Shift
RO
3.4.19
17h
MDSR
Mouse Data Shift
RO
3.4.20
18h-1Fh
PS2KEY0-PS2KEY7 PS/2 Keyboard Key Data
R/W
3.4.21
Offset
Mnemonic
Register Name
Type
Section
13h
IRWCR
CEIR Wake-Up Control
R/W
3.4.22
14h
Reserved
15h
IRWAD
CEIR Wake-Up Address
R/W
3.4.23
16h
IRWAM
CEIR Wake-Up Address Mask
R/W
3.4.24
17h
ADSR
CEIR Address Shift
R/O
3.4.25
18h
IRWTR0L
CEIR Wake-Up, Range 0, Low Limit
R/W
3.4.26
19h
IRWTR0H
CEIR Wake-Up, Range 0, High Limit
R/W
3.4.26
1Ah
IRWTR1L
CEIR Wake-Up, Range 1, Low Limit
R/W
3.4.27
1Bh
IRWTR1H
CEIR Wake-Up, Range 1, High Limit
R/W
3.4.27
1Ch
IRWTR2L
CEIR Wake-Up, Range 2, Low Limit
R/W
3.4.28
1Dh
IRWTR2H
CEIR Wake-Up, Range 2, High Limit
R/W
3.4.28
1Eh
IRWTR3L
CEIR Wake-Up, Range 3, Low Limit
R/W
3.4.29
1Fh
IRWTR3H
CEIR Wake-Up, Range 3, High Limit
R/W
3.4.29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com