Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 24Page - National Semiconductor (TI) PC87365 Datasheet HTML 25Page - National Semiconductor (TI) PC87365 Datasheet HTML 26Page - National Semiconductor (TI) PC87365 Datasheet HTML 27Page - National Semiconductor (TI) PC87365 Datasheet HTML 28Page - National Semiconductor (TI) PC87365 Datasheet HTML 29Page - National Semiconductor (TI) PC87365 Datasheet HTML 30Page - National Semiconductor (TI) PC87365 Datasheet HTML 31Page - National Semiconductor (TI) PC87365 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 215 page
background image
1.0 Signal/Pin Connection and Description (Continued)
28
www.national.com
1.4.15
System Wake-Up Control
1.4.16
WATCHDOG Timer (WDT)
Signal
Pin/s
I/O Buffer Type Power Well
Description
LED1
LED2
25
26
O
O12/12
VSB
LED. VSB-powered pins with programmable outputs, each of
which can be used to produce a 0, 0.25, 0.5, 1, 4 Hz waveform for
LED control.
GPIE6-7
58-59
I
INTS
VSB
General-Purpose Input Event.
GPIOE0-5
23-28
I/O
INTS/
OD6,O3/6
VSB
General-Purpose I/O Event. VSB-powered pins.
GPIS2
35
I
INTS
VSB
General-Purpose Input Standby. VSB-powered pin.
GPOS0-1
33-34
O
OD6,O3/6
VSB
General-Purpose Output Standby. VSB-powered pins.
PSON
34
O
O4,OD12
VSB
Power Supply On. Active level (low or high via PSONPOL strap)
instructs the main power supply to turn the power on. PSON
output signal is open-drain when active low and push-pull when
active high.
PWBTIN
35
I
INTS
VSB
Power Button In. Active (low) level indicates a user request to
turn the power on or off. This pin has an internal Schmitt-trigger
input buffer and debounce protection of at least 16 ms.
PWBTOUT 33
O
OD12
VSB
Power Button Out. Active (low) level serves as output to the
chipset power button input.
PWUREQ
32
O
OD6
VSB
Power-Up Request. Active (low) level indicates that wake-up
event has occurred and causes the chipset to turn the power
supply on or to exit its current sleep state. The open-drain output
must be pulled up to VSB in order to function during power-off.
RING
27
I
INTS
VSB
Telephone Line Ring. Detection of a pulse train on the RING pin
is a wake-up event that can activate the power-up request
(PWUREQ). The pin has a Schmitt-trigger input buffer, powered
by VSB.
SLPS3
36
I
INTS
VSB
Sleep State 3, 4 or 5. Input from this pin is assumed to be driven
by the system’s ACPI controller to indicate the system’s power
state.
SLPS5
37
I
INTS
VSB
Sleep State 4 or 5. Input from this pin is assumed to be driven by
the system’s ACPI controller to indicate the system’s power state.
Signal
Pin/s
I/O Buffer Type Power Well
Description
WDO
56
O
OD6,O3/6
VDD
WATCHDOG Out. Low level indicates that the WATCHDOG Timer
has reached its time-out period without being retriggered.
The output type and an optional pull-up are configurable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com