Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 50Page - National Semiconductor (TI) PC87365 Datasheet HTML 51Page - National Semiconductor (TI) PC87365 Datasheet HTML 52Page - National Semiconductor (TI) PC87365 Datasheet HTML 53Page - National Semiconductor (TI) PC87365 Datasheet HTML 54Page - National Semiconductor (TI) PC87365 Datasheet HTML 55Page - National Semiconductor (TI) PC87365 Datasheet HTML 56Page - National Semiconductor (TI) PC87365 Datasheet HTML 57Page - National Semiconductor (TI) PC87365 Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 215 page
background image
2.0 Device Architecture and Configuration (Continued)
54
www.national.com
2.9.12
SuperI/O Configuration C Register (SIOCFC)
This is a battery-backed register.
Location:
Index 2Ch
Type:
R/W
Bit
76543210
Name
LED
Configura-
tion
Power LED
Status in
S4 or S5
LED2 Blink Rate
LED1 Blink Rate
Reset
00000000
Bit
Description
7
LED Configuration.
0: One dual-colored LED (default at VPP power-up reset)
1: Two LEDs
6
Power LED Status in S4 or S5. This bit is active only when Hardware mode 2 is selected (bits 2-3 in the SIOCFB regis-
ter).
0: Turn off (default at VDD power off)
1: Unchanged
5-3
LED2 Blink Rate.
Bits
5 4 3
Rate (Hz) Duty Cycle
0 0 0
Off
Always low
0 0 1
0.25
12.5%
0 1 0
0.5
25%
0 1 1
1
50%1
1 0 0
2
50%
1 0 1
3
50%
1 1 0
4
50%
1 1 1
On
Always high (default at VPP power-up reset)
1. When Hardware mode 1 is selected, this rate is set when VSB is powered up or when VDD becomes inactive
while VSB is active.
2-0
LED1 Blink Rate.
Bits
2 1 0
Rate (Hz) Duty Cycle
0 0 0
Off
Always low (default at VPP power-up reset)
0 0 1
0.25
12.5%
0 1 0
0.5
25%
0 1 1
1
50%
1 0 0
2
50%
1 0 1
3
50%
1 1 0
4
50%
1 1 1
On
Always high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com