Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87365 Datasheet(PDF) 140 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87365
Description  128-Pin LPC SuperI/O with System Hardware Monitoring
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87365 Datasheet(HTML) 140 Page - National Semiconductor (TI)

Back Button PC87365 Datasheet HTML 136Page - National Semiconductor (TI) PC87365 Datasheet HTML 137Page - National Semiconductor (TI) PC87365 Datasheet HTML 138Page - National Semiconductor (TI) PC87365 Datasheet HTML 139Page - National Semiconductor (TI) PC87365 Datasheet HTML 140Page - National Semiconductor (TI) PC87365 Datasheet HTML 141Page - National Semiconductor (TI) PC87365 Datasheet HTML 142Page - National Semiconductor (TI) PC87365 Datasheet HTML 143Page - National Semiconductor (TI) PC87365 Datasheet HTML 144Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 215 page
background image
140
www.national.com
8.0
ACCESS.bus Interface (ACB)
The ACB is a two-wire synchronous serial interface compatible with the ACCESS.bus physical layer. The ACB is also com-
patible with Intel's SMBus and Philips’ I2C. The ACB can be configured as a bus master or slave and can maintain bi-direc-
tional communication with both multiple master and slave devices. As a slave device, the ACB may issue a request to
become the bus master.
The ACB allows easy interfacing to a wide range of low-cost memories and I/O devices, including EEPROMs, SRAMs, tim-
ers, ADC, DAC, clock chips and peripheral drivers.
This chapter describes the general ACB functional block. A device may include a different implementation. For device spe-
cific implementation, see the
Device Architecture and Configuration chapter.
8.1
OVERVIEW
The ACCESS.bus protocol uses a two-wire interface for bi-directional communication between the devices connected to the
bus. The two interface lines are the Serial Data Line (SDL) and the Serial Clock Line (SCL). These lines should be connected
to a positive supply via an internal or external pull-up resistor and should remain high even when the bus is idle.
Each IC has a unique address and can operate as a transmitter or a receiver (though some peripherals are only receivers).
During data transactions, the master device initiates the transaction, generates the clock signal and terminates the transac-
tion. For example, when the ACB initiates a data transaction with an attached ACCESS.bus compliant peripheral, the ACB
becomes the master. When the peripheral responds and transmits data to the ACB, their master/slave (data transaction ini-
tiator and clock generator) relationship is unchanged, even though their transmitter/receiver functions are reversed.
8.2
FUNCTIONAL DESCRIPTION
8.2.1
Data Transactions
One data bit is transferred during each clock pulse. Data is sampled during the high state of the serial clock (SCL). Conse-
quently, throughout the clock’s high period, the data should remain stable (see Figure 23). Any changes on the SDA line
during the high state of the SCL and in the middle of a transaction aborts the current transaction. New data should be sent
during the low SCL state. This protocol permits a single data line to transfer both command/control information and data,
using the synchronous serial clock.
Each data transaction is composed of a Start Condition, a number of byte transfers (set by the software) and a Stop Condi-
tion to terminate the transaction. Each byte is transferred with the most significant bit first. After each byte (8 bits), an Ac-
knowledge signal must follow. The following sections provide further details of this process.
During each clock cycle, the slave can stall the master while it handles the received data or prepares new data. This can be
done for each bit transferred, or on a byte boundary, by the slave holding SCL low to extend the clock-low period. Typically,
slaves extend the first clock cycle of a transfer if a byte read has not yet been stored or if the next byte to be transmitted is
not yet ready. Some microcontrollers with limited hardware support for ACCESS.bus extend the access after each bit, thus
allowing the software to handle this bit.
8.2.2
Start and Stop Conditions
The ACCESS.bus master generates Start and Stop Conditions (control codes). After a Start Condition is generated, the bus
is considered busy and retains this status for a certain time after a Stop Condition is generated. A high-to-low transition of
the data line (SDA) while the clock (SCL) is high indicates a Start Condition. A low-to-high transition of the SDA line while
the SCL is high indicates a Stop Condition (Figure 24). After a Stop Condition is issued, the data in the received buffer is not
valid.
In addition to the first Start Condition, a repeated Start Condition can be generated in the middle of a transaction. This allows
another device to be accessed or a change in the direction of data transfer.
SDA
SCL
Data Line
Stable:
Data Valid
Change
of Data
Allowed
Figure 23. Bit Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com