Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C580CP40 Datasheet(PDF) 13 Page - Exar Corporation

Part # ST16C580CP40
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580CP40 Datasheet(HTML) 13 Page - Exar Corporation

Back Button ST16C580CP40 Datasheet HTML 9Page - Exar Corporation ST16C580CP40 Datasheet HTML 10Page - Exar Corporation ST16C580CP40 Datasheet HTML 11Page - Exar Corporation ST16C580CP40 Datasheet HTML 12Page - Exar Corporation ST16C580CP40 Datasheet HTML 13Page - Exar Corporation ST16C580CP40 Datasheet HTML 14Page - Exar Corporation ST16C580CP40 Datasheet HTML 15Page - Exar Corporation ST16C580CP40 Datasheet HTML 16Page - Exar Corporation ST16C580CP40 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
ST16C580
13
Rev. 1.20
Divide
by
1 logic
XTAL1
XTAL2
Divide
by
4 logic
Clock
Oscillator
Logic
Baudrate
Generator
Logic
-BAUDOUT
MCR
Bit-7=0
MCR
Bit-7=1
Crystal oscillator or External clock 1X / 4X selection
DLM (MSB) and DLL (LSB) provides a user capability
for selecting the desired final baud rate. The example
in Table 4 below, shows the two selectable baud rate
tables available when using a 7.3728 MHz crystal.
Table 4, BAUD RATE GENERATOR PROGRAM-
MING TABLE (7.3728 MHz CLOCK):
Output
Output
User
User
DLM
DLL
Baud Rate
Baud Rate
16 x Clock
16 x Clock
Program
Program
MCR
MCR
Divisor
Divisor
Value
Value
BIT-7=1
Bit-7=0
(Decimal)
(HEX)
(HEX)
(HEX)
50
200
2304
900
09
00
75
300
1536
600
06
00
150
600
768
300
03
00
300
1200
384
180
01
80
600
2400
192
C0
00
C0
1200
4800
96
60
00
60
2400
9600
48
30
00
30
4800
19.2K
24
18
00
18
7200
28.8K
16
10
00
10
9600
38.4k
12
0C
00
0C
19.2k
76.8k
6
06
00
06
38.4k
153.6k
3
03
00
03
57.6k
230.4k
2
02
00
02
115.2k
460.8k
1
01
00
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com