Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C580CP40 Datasheet(PDF) 18 Page - Exar Corporation

Part # ST16C580CP40
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580CP40 Datasheet(HTML) 18 Page - Exar Corporation

Back Button ST16C580CP40 Datasheet HTML 14Page - Exar Corporation ST16C580CP40 Datasheet HTML 15Page - Exar Corporation ST16C580CP40 Datasheet HTML 16Page - Exar Corporation ST16C580CP40 Datasheet HTML 17Page - Exar Corporation ST16C580CP40 Datasheet HTML 18Page - Exar Corporation ST16C580CP40 Datasheet HTML 19Page - Exar Corporation ST16C580CP40 Datasheet HTML 20Page - Exar Corporation ST16C580CP40 Datasheet HTML 21Page - Exar Corporation ST16C580CP40 Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
ST16C580
18
Rev. 1.20
Transmit and Receive Holding Register
The serial transmitter section consists of an 8-bit
Transmit Hold Register (THR) and Transmit Shift
Register (TSR). The status of the THR is provided in
the Line Status Register (LSR). Writing to the THR
transfers the contents of the data bus (D7-D0) to the
THR, providing that the THR or TSR is empty. The
THR empty flag in the LSR register will be set to a logic
1 when the transmitter is empty or when data is
transferred to the TSR. Note that a write operation can
be performed when the transmit holding register
empty flag is set (logic 0 = FIFO full, logic 1= at least
one FIFO location available).
The serial receive section also contains an 8-bit
Receive Holding Register, RHR. Receive data is
removed from the 580 and receive FIFO by reading
the RHR register. The receive section provides a
mechanism to prevent false starts. On the falling edge
of a start or false start bit, an internal receiver counter
starts counting clocks at 16x clock rate. After 7 1/2
clocks the start bit time should be shifted to the center
of the start bit. At this time the start bit is sampled and
if it is still a logic 0 it is validated. Evaluating the start
bit in this manner prevents the receiver from assem-
bling a false character. Receiver status codes will be
posted in the LSR.
Interrupt Enable Register (IER)
The Interrupt Enable Register (IER) masks the inter-
rupts from receiver ready, transmitter empty, line
status and modem status registers. These interrupts
would normally be seen on the 580 INT output pin.
IER Vs Receive FIFO Interrupt Mode Operation
When the receive FIFO (FCR BIT-0 = a logic 1) and
receive interrupts (IER BIT-0 = logic 1) are enabled,
the receive interrupts and register status will reflect
the following:
A) The receive data available interrupts are issued to
the external CPU when the FIFO has reached the
programmed trigger level. It will be cleared when the
FIFO drops below the programmed trigger level.
B) FIFO status will also be reflected in the user
accessible ISR register when the FIFO trigger level is
reached. Both the ISR register status bit and the
interrupt will be cleared when the FIFO drops below
the trigger level.
C) The data ready bit (LSR BIT-0) is set as soon as a
character is transferred from the shift register to the
receive FIFO. It is reset when the FIFO is empty.
IER Vs Receive/Transmit FIFO Polled Mode Op-
eration
When FCR BIT-0 equals a logic 1; resetting IER bits
0-3 enables the 580 in the FIFO polled mode of
operation. Since the receiver and transmitter have
separate bits in the LSR either or both can be used in
the polled mode by selecting respective transmit or
receive control bit(s).
A) LSR BIT-0 will be a logic 1 as long as there is one
byte in the receive FIFO.
B) LSR BIT 1-4 will indicate if an overrun error
occurred.
C) LSR BIT-5 will indicate when the transmit FIFO is
empty.
D) LSR BIT-6 will indicate when both the transmit
FIFO and transmit shift register are empty.
E) LSR BIT-7 will indicate any FIFO data errors.
IER BIT-0:
Logic 0 = Disable the receiver ready interrupt. (normal
default condition)
Logic 1 = Enable the receiver ready interrupt.
IER BIT-1:
Logic 0 = Disable the transmitter empty interrupt.
(normal default condition)
Logic 1 = Enable the transmitter empty interrupt.
IER BIT-2:
Logic 0 = Disable the receiver line status interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com