Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C580CP40 Datasheet(PDF) 8 Page - Exar Corporation

Part # ST16C580CP40
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580CP40 Datasheet(HTML) 8 Page - Exar Corporation

Back Button ST16C580CP40 Datasheet HTML 4Page - Exar Corporation ST16C580CP40 Datasheet HTML 5Page - Exar Corporation ST16C580CP40 Datasheet HTML 6Page - Exar Corporation ST16C580CP40 Datasheet HTML 7Page - Exar Corporation ST16C580CP40 Datasheet HTML 8Page - Exar Corporation ST16C580CP40 Datasheet HTML 9Page - Exar Corporation ST16C580CP40 Datasheet HTML 10Page - Exar Corporation ST16C580CP40 Datasheet HTML 11Page - Exar Corporation ST16C580CP40 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
ST16C580
8
Rev. 1.20
GENERAL DESCRIPTION
The 580 provides serial asynchronous receive data
synchronization, parallel-to-serial and serial-to-paral-
lel data conversions for both the transmitter and
receiver sections. These functions are necessary for
converting the serial data stream into parallel data that
is required with digital data systems. Synchronization
for the serial data stream is accomplished by adding
start and stops bits to the transmit data to form a data
character (character orientated protocol). Data integ-
rity is insured by attaching a parity bit to the data
character. The parity bit is checked by the receiver for
any transmission bit errors. The electronic circuitry to
provide all these functions is fairly complex especially
when manufactured on a single integrated silicon
chip. The ST16C580 represents such an integration
with greatly enhanced features. The 580 is fabricated
with an advanced CMOS process.
The 580 is an upward solution that provides 16 bytes
of transmit and receive FIFO memory, instead of 16
bytes provided in the 16C550, or none in the 16C450.
The 580 is designed to work with high speed modems
and shared network environments, that require fast
data processing time. Increased performance is real-
ized in the 580 by the larger transmit and receive
FIFO’s. This allows the external processor to handle
more networking tasks within a given time. In addition,
the 4 selectable levels of FIFO trigger interrupt and
automatic hardware/software flow control is uniquely
provided for maximum data throughput performance
especially when operating in a multi-channel environ-
ment. The combination of the above greatly reduces
the bandwidth requirement of the external controlling
CPU, increases performance, and reduces power
consumption.
The 580 is capable of operation to 1.5Mbps with a 24
MHz crystal or external clock input.
With a crystal of 7.3728 MHz and through a software
option, the user can select data rates up to 460.8Kbps.
The rich feature set of the 580 is available through
internal registers. Automatic hardware/software flow
control, selectable transmit and receive FIFO trigger
levels, selectable TX and RX baud rates, infrared
encoder/decoder interface, modem interface controls,
and a sleep mode are all standard features. Following a
power on reset or an external reset, the 580 is software
compatible with previous generation of UARTs, 16C450
and 16C550.
FUNCTIONAL DESCRIPTIONS
Internal Registers
The 580 provides 15 internal registers for monitoring
and control. These registers are shown in Table 3 below.
Twelve registers are similar to those already available in
the standard 16C550. These registers function as data
holding registers (THR/RHR), interrupt status and con-
trol registers (IER/ISR), a FIFO control register (FCR),
line status and control registers, (LCR/LSR), modem
status and control registers (MCR/MSR), program-
mable data rate (clock) control registers (DLL/DLM),
and a user assessable scratchpad register (SPR).
Beyond the general 16C550 features and capabilities,
the 580 offers an enhanced feature register set (EFR,
Xon/Xoff 1-2) that provides on board hardware/software
flow control. Register functions are more fully described
in the following paragraphs.
Table 3, INTERNAL REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com