Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C580CP40 Datasheet(PDF) 23 Page - Exar Corporation

Part # ST16C580CP40
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580CP40 Datasheet(HTML) 23 Page - Exar Corporation

Back Button ST16C580CP40 Datasheet HTML 19Page - Exar Corporation ST16C580CP40 Datasheet HTML 20Page - Exar Corporation ST16C580CP40 Datasheet HTML 21Page - Exar Corporation ST16C580CP40 Datasheet HTML 22Page - Exar Corporation ST16C580CP40 Datasheet HTML 23Page - Exar Corporation ST16C580CP40 Datasheet HTML 24Page - Exar Corporation ST16C580CP40 Datasheet HTML 25Page - Exar Corporation ST16C580CP40 Datasheet HTML 26Page - Exar Corporation ST16C580CP40 Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
ST16C580
23
Rev. 1.20
inputs/outputs. While in this mode, the TX/RX output/
Inputs are routed to the infrared encoder/decoder. The
data input and output levels will conform to the IrDA
infrared interface requirement. As such, while in this
mode the infrared TX output will be a logic 0 during idle
data conditions.
MCR BIT-7:
Logic 0 = Divide by one. The input clock (crystal or
external) is divided by sixteen and then presented to
the Programmable Baud Rate Generator (BGR) with-
out further modification, i.e., divide by one. (normal,
default condition)
Logic 1 = Divide by four. The divide by one clock
described in MCR bit-7 equals a logic 0, is further
divided by four (also see Programmable Baud Rate
Generator section).
Line Status Register (LSR)
This register provides the status of data transfers
between. the 580 and the CPU.
LSR BIT-0:
Logic 0 = No data in receive holding register or FIFO.
(normal default condition)
Logic 1 = Data has been received and is saved in the
receive holding register or FIFO.
LSR BIT-1:
Logic 0 = No overrun error. (normal default condition)
Logic 1 = Overrun error. A data overrun error occurred
in the receive shift register. This happens when addi-
tional data arrives while the FIFO is full. In this case
the previous data in the shift register is overwritten.
Note that under this condition the data byte in the
receive shift register is not transfer into the FIFO,
therefore the data in the FIFO is not corrupted by the
error.
LSR BIT-2:
Logic 0 = No parity error (normal default condition)
Logic 1 = Parity error. The receive character does not
have correct parity information and is suspect. In the
FIFO mode, this error is associated with the character
at the top of the FIFO.
LSR BIT-3:
Logic 0 = No framing error (normal default condition).
Logic 1 = Framing error. The receive character did not
have a valid stop bit(s). In the FIFO mode this error is
associated with the character at the top of the FIFO.
LSR BIT-4:
Logic 0 = No break condition (normal default condi-
tion)
Logic 1 = The receiver received a break signal (RX
was a logic 0 for one character frame time). In the
FIFO mode, only one break character is loaded into
the FIFO.
LSR BIT-5:
This bit is the Transmit Holding Register Empty indi-
cator. This bit indicates that the UART is ready to
accept a new character for transmission. In addition,
this bit causes the UART to issue an interrupt to CPU
when the THR interrupt enable is set. The THR bit is
set to a logic 1 when a character is transferred from the
transmit holding register into the transmitter shift
register. The bit is reset to logic 0 concurrently with the
loading of the transmitter holding register by the CPU.
In the FIFO mode this bit is set when the transmit FIFO
is empty; it is cleared when at least 1 byte is written to
the transmit FIFO.
LSR BIT-6:
This bit is the Transmit Empty indicator. This bit is set
to a logic 1 whenever the transmit holding register and
the transmit shift register are both empty. It is reset to
logic 0 whenever either the THR or TSR contains a
data character. In the FIFO mode this bit is set to one
whenever the transmit FIFO and transmit shift register
are both empty.
LSR BIT-7:
Logic 0 = No Error (normal default condition)
Logic 1 = At least one parity error, framing error or
break indication is in the current FIFO data. This bit is
cleared when LSR register is read.
Modem Status Register (MSR)
This register provides the current state of the control
interface signals from the modem, or other peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com