Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C580CP40 Datasheet(PDF) 6 Page - Exar Corporation

Part # ST16C580CP40
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580CP40 Datasheet(HTML) 6 Page - Exar Corporation

Back Button ST16C580CP40 Datasheet HTML 2Page - Exar Corporation ST16C580CP40 Datasheet HTML 3Page - Exar Corporation ST16C580CP40 Datasheet HTML 4Page - Exar Corporation ST16C580CP40 Datasheet HTML 5Page - Exar Corporation ST16C580CP40 Datasheet HTML 6Page - Exar Corporation ST16C580CP40 Datasheet HTML 7Page - Exar Corporation ST16C580CP40 Datasheet HTML 8Page - Exar Corporation ST16C580CP40 Datasheet HTML 9Page - Exar Corporation ST16C580CP40 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
ST16C580
6
Rev. 1.20
RESET
35
39
35
I
Reset. (active high) - A logic 1 on this pin will reset the internal
registers and all the outputs. The UART transmitter output
and the receiver input will be disabled during reset time. (See
ST16C580 External Reset Conditions for initialization de-
tails.)
VCC
40
44
42
Pwr
Power Supply Input.
XTAL1
16
18
14
I
Crystal or External Clock Input - Functions as a crystal input
or as an external clock input. A crystal can be connected
between this pin and XTAL2 to form an internal oscillator
circuit. An external 1 M resistor is required between the
XTAL1 and XTAL2 pins (see figure 9). Alternatively, an
external clock can be connected to this pin to provide
custom data rates (Programming Baud Rate Generator
section).
XTAL2
17
19
15
O
Output of the Crystal Oscillator or Buffered Clock - (See also
XTAL1). Crystal oscillator output or buffered clock output.
-CD
38
42
40
I
Carrier Detect (active low) - A logic 0 on this pin indicates
that a carrier has been detected by the modem.
-CTS
36
40
38
I
Clear to Send (active low) - A logic 0 on the -CTS pin
indicates the modem or data set is ready to accept transmit
data from the 580. Status can be tested by reading MSR bit-
4. This pin only affects the transmit and receive operations
when Auto CTS function is enabled via the Enhanced
Feature Register (EFR) bit-7, for hardware flow control
operation.
-DSR
37
41
39
I
Data Set Ready (active low) - A logic 0 on this pin indicates
the modem or data set is powered-on and is ready for data
exchange with the UART. This pin has no effect on the
UART’s transmit or receive operation.
-DTR
33
37
33
O
Data Terminal Ready (active low) - A logic 0 on this pin
indicates that the 580 is powered-on and ready. This pin can
be controlled via the modem control register. Writing a logic
1 to MCR bit-0 will set the -DTR output to logic 0, enabling
the modem. This pin will be a logic 1 after writing a logic 0
to MCR bit-0, or after a reset. This pin has no effect on the
SYMBOL DESCRIPTION
Symbol
Pin
Signal
Pin Description
40
44
48
type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com