Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C580CP40 Datasheet(PDF) 2 Page - Exar Corporation

Part # ST16C580CP40
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580CP40 Datasheet(HTML) 2 Page - Exar Corporation

  ST16C580CP40 Datasheet HTML 1Page - Exar Corporation ST16C580CP40 Datasheet HTML 2Page - Exar Corporation ST16C580CP40 Datasheet HTML 3Page - Exar Corporation ST16C580CP40 Datasheet HTML 4Page - Exar Corporation ST16C580CP40 Datasheet HTML 5Page - Exar Corporation ST16C580CP40 Datasheet HTML 6Page - Exar Corporation ST16C580CP40 Datasheet HTML 7Page - Exar Corporation ST16C580CP40 Datasheet HTML 8Page - Exar Corporation ST16C580CP40 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ST16C580
2
Rev. 1.20
40 Pin DIP Package
48 Pin TQFP Package
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
D0
D1
D2
D3
D4
D5
D6
D7
RCLK
RX
TX
CS0
CS1
-CS2
-BAUDOUT
XTAL1
XTAL2
-IOW
IOW
GND
VCC
-RI
-CD
-DSR
-CTS
RESET
-OP1
-DTR
-RTS
-OP2
INT
-RXRDY
A0
A1
A2
-AS
-TXRDY
-DDIS
IOR
-IOR
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
N.C.
D5
D6
D7
RCLK
N.C.
RX
TX
CS0
CS1
-CS2
-BAUDOUT
N.C.
RESET
-OP1
-DTR
-RTS
-OP2
INT
-RXRDY
A0
A1
A2
N.C.
XR16C580CQ48
Figure 1, PACKAGE DESCRIPTION, 16C580



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com